Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS14072 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS14072
Description  140MHz SAW Filter 2.2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14072 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS14072 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14072 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14072 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS14072
Rev. Date
2005-6-24
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
2.2MHz Bandwidth
Part Number: LBS14072
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.96
140
140.04
Insertion Loss
dB
-
23
25
2dB Bandwidth
MHz
2.2
2.25
-
25dB Bandwidth
MHz
-
2.8
3
35dB Bandwidth
MHz
-
2.9
3.4
40dB Bandwidth
MHz
-
2.95
4.2
Passband Variation
dB
-
0.5
1
Absolute Delay
usec
-
4.3
5
Ultimate Rejection(f0±6MHz)
dB
45
48
-
Material temperature coefficient
KHz/°C
1xFo/1000
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=68NH
L2=10NH
L3=56nH
C1=56pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBS14072

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14072 SIPAT-LBS14072 Datasheet
150Kb / 3P
140MHz SAW Filter 2.2MHz Bandwidth
More results

Similar Description - LBS14072

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS70A05 SIPAT-LBS70A05 Datasheet
139Kb / 3P
70MHz SAW Filter 2.2MHz Bandwidth
LBS09506 SIPAT-LBS09506 Datasheet
148Kb / 3P
95MHz SAW Filter 2.2MHz Bandwidth
LBS14072 SIPAT-LBS14072 Datasheet
150Kb / 3P
140MHz SAW Filter 2.2MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
140MHz SAW Filter 23.9MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
140MHz SAW Filter 29MHz Bandwidth
LBS70A05 SIPAT-LBS70A05 Datasheet
145Kb / 3P
70MHz SAW Filter 2.2MHz Bandwidth
LBS09506 SIPAT-LBS09506 Datasheet
153Kb / 3P
95MHz SAW Filter 2.2MHz Bandwidth
LBS12803 SIPAT-LBS12803 Datasheet
287Kb / 3P
128MHz SAW Filter 2.2MHz Bandwidth
LBS15802 SIPAT-LBS15802 Datasheet
286Kb / 3P
157.9MHz SAW Filter 2.2MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com