Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UX31QS Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1UX31QS
Description  Holder-less Type IR Detecting Unit for Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UX31QS Datasheet(HTML) 2 Page - Sharp Corporation

  GP1UX31QS Datasheet HTML 1Page - Sharp Corporation GP1UX31QS Datasheet HTML 2Page - Sharp Corporation GP1UX31QS Datasheet HTML 3Page - Sharp Corporation GP1UX31QS Datasheet HTML 4Page - Sharp Corporation GP1UX31QS Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Sheet No.: OP06013
Internal Block Diagram
VOUT
RL
VCC
GND
B.P.F.
Limiter
Demodulator Integrator Comparator
Parameter
Conditions
No input light
*3
*3
*3
*3
MIN.
400
600
TYP.
0.27
MAX.
0.4
0.45
1000
1200
Unit
mA
V
V
μ
s
μ
s
Dissipation current
High level output voltage
Low level output voltage
High level pulse width
Symbol
ICC
VOH
T1
VOL
T2
Low level pulse width
*4
kHz
f0
B.P.F. center frequency
70
100
130
Output pull-up resistance
*3 The burst wave as shown in the following figure shall be transmitted by the transmitter shown in Fig. 1
*4
Electro-optical Characteristics
(Ta=25℃, VCC=3V)
-
VCC-0.5
-
-
-
-
-
-
-
-
-
-
The carrier frequency of the transmitter, however, shall be same as *4, and measurement shall be from just after starting the transmission until 50 pulse
The B.P.F. center frequency f0 varies with model, as shown in ■Model Line-up
1000μs
600μs
f0=(*4)
Duty 50%
B urst wave
GP1UX31QS Series
IOL=1.6mA
RL
GP1UX31QS
GP1UX310QS
GP1UX311QS
GP1UX312QS
Model No.
40
36
38
36.7
B.P.F. center frequency
Unit
kHz
Model Line-up
Diversified models with a different B.P.F. frequency are also available.
T1
T2
Output signal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com