Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS527R-01ILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS527R-01ILF
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS527R-01ILF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS527R-01ILF Datasheet HTML 1Page - Integrated Device Technology ICS527R-01ILF Datasheet HTML 2Page - Integrated Device Technology ICS527R-01ILF Datasheet HTML 3Page - Integrated Device Technology ICS527R-01ILF Datasheet HTML 4Page - Integrated Device Technology ICS527R-01ILF Datasheet HTML 5Page - Integrated Device Technology ICS527R-01ILF Datasheet HTML 6Page - Integrated Device Technology ICS527R-01ILF Datasheet HTML 7Page - Integrated Device Technology ICS527R-01ILF Datasheet HTML 8Page - Integrated Device Technology ICS527R-01ILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 2
ICS527-01
REV G 051310
Pin Assignment
28 pin 150 mil body SSOP
Frequency Range Table
To cover the range from 10 to 18 MHz (0 to 70°C) and 8
to 16 MHz (-40 to 85°C), select address 01 to generate
2x your desired output frequency, then configure CLK2
to generate CLK1/2.
Pin Descriptions
18
7
17
8
16
9
15
ICLK
10
FBIN
11
GND
12
CLK2
13
OECLK2
14
2XDRIVE
GND
PDTS
F6
F0
F5
F3
F1
F4
22
21
20
19
F2
CLK1
5
6
S1
VDD
VDD
24
23
R0
3
4
DIV2
S0
R1
26
25
R2
1
2
R5
R6
R3
28
27
R4
S1 S0
CLK1 Output Frequency (MHz)
Commercial (0 to 70°C)
Industrial (-40 to 85°C)
0
0
37 - 75
35 - 70
0
1
18 - 37
16 - 35
1
0
4 - 10
4 - 8
1
1
75 -160
70 - 140
CLK2 Operation Table
OECLK2
DIV2
CLK2
0X
Z
1
0
SYNC
11
CLK1/2
CLK Drive Select Table
2XDRIVE
Output Drive
0
12 mA
1
25 mA
Pin
Number
Pin
Name
Pin
Type
Pin Description
1,2, 24-28
R5, R6,
R0-R4
Input
Reference divider word input pins determined by user. Forms a binary number
from 0 to 127. Internal pull-up resistor.
3
DIV2
Input
Selects CLK2 function to output a SYNC signal or a divide by 2 of CLK1 based
on the table above. Internal pull-up resistor.
4, 5
S0, S1
Input
Select pins for output divider determined by user. See table above. Internal
pull-up resistor.
6, 23
VDD
Power
Connect to VDD.
7
ICLK
Input
Reference clock input.
8
FBIN
Input
Feedback clock input.
9, 20
GND
Power
Connect to ground.
10
OECLK2
Input
CLK2 Output Enable. CLK2 tri-stated when low. Internal pull-up resistor.
11
2XDRIVE
Input
Clock output drive strength doubled when high. Internal pull-up resistor.
12-18
F0-F6
Input
Feedback divider word input pins determined by user. Forms a binary number
from 0 to 127. Internal pull-up resistor.
19
PDTS
Input
Power Down. Active low. Turns off entire chip when low, both clock outputs are
tri-stated. Internal pull-up resistor.
21
CLK2
Output
Output clock 2. Can be SYNC output or a low skew divide by 2 of CLK1.
22
CLK1
Output
Output clock 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com