Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSRRGBCC3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OVSRRGBCC3
Description  Full-Color 1204 SMD (150째 Viewing Angle)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OVSRRGBCC3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OVSRRGBCC3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Issue F 01/2014
Page 5 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Reliability Test Items and Conditions
Precautions:
Cleaning
 Optek recommends isopropyl alcohol be used as a solvent for cleaning the LEDs. When using other solvents,
it should be confirmed beforehand whether the solvents will dissolve the package and/or the resin. Freon sol-
vents should not be used to clean LEDs because of worldwide regulations.
 Do not use ultrasonic methods.
Safety
 LED light output is strong enough to cause injury to the human eye. Precaution must be taken to avoid looking
directly into the LEDs with unprotected eyes for more than a few seconds.
 Flashing lights have been known to cause discomfort in people. This can be prevented by taking precautions
during operation.
● Results of Reliability Test
No
Item
Test Condition
Test Hours/Cycles Sample No.
Ac / Re
1 DC Operating Life
R~IF: 30mA, G/B~IF: 20mA
1,000 Hours
50 pcs
0 / 1
2 High Temperature Storage Temp: 100°C
1,000 Hours
50 pcs
0 / 1
3 Low Temperature Storage Temp: -55°C
1,000 Hours
50 pcs
0 / 1
4 Thermal Shock Test
-40°C
80°C
5min
8secs
5min
100 Cycles
50 pcs
0 / 1
5 Temperature Cycle
-40°C ~ 25°C ~ 100°C ~ 25°C
30min ~ 5min ~ 30min ~ 5min
300 Cycles
50 pcs
0 / 1
6 Temp. & Humidity Bias
TA=85°C, RH=85%, IF=5mA*
1,000 Hours
50 pcs
0 / 1
*Values are based on single-die performance.
● Reliability Criteria
*U.S.L.: Upper Standard Level
*L.S.L.: Lower Standard Level
Item
Symbol
Limit
Min.
Max.
Forward Voltage
VF
IF: 20mA
U.S.L. *1.2
Reverse Current
IR
VR: 5V
U.S.L. *2
Power
PO
IF: 20mA
L.S.L. *0.5
Test Conditions
Full-Color 1204 SMD
OVSRRGBCC3
OVSRRGBCC3TM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com