Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS16005 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS16005
Description  160MHz IF SAW Filter 4MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS16005 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS16005 Datasheet HTML 1Page - SIPAT Co,Ltd LBS16005 Datasheet HTML 2Page - SIPAT Co,Ltd LBS16005 Datasheet HTML 3Page - SIPAT Co,Ltd LBS16005 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS16005
Rev. Date
2007-06-29
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
160MHz IF SAW Filter
4MHz Bandwidth
Part Number: LBS16005
Typical Performance
Frequency Respond
Passband Respond
154
156
158
160
162
164
166
-114.6686
-104.6686
-94.6686
-84.6686
-74.6686
-64.6686
-54.6686
-44.6686
-34.6686
-24.6686
-14.6686
Type Performance
Frequency(MHz)
3dB CF = 159.9572MHz
1dB = 3.9131MHz
3dB = 4.1319MHz
40dB = 4.9514MHz
50dB = 5.0429MHz
Insert Loss = -24.6686dB
Passband Ripple = 0.59555dB
Ultimate Rejection = 53.7271dB
Group Delay = 129.6268ns
Phase Linearity = 4.5497deg
Absolute Delay = 3586.1768ns
Horizontal: 2MHz/Div
Vertical: 10dB/Div
155
156
157
158
159
160
161
162
163
164
165
-27.1686
-26.6686
-26.1686
-25.6686
-25.1686
-24.6686
-24.1686
-23.6686
-23.1686
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±1.8MHz)
Phase Linearity(f0±1.8MHz)
156
157
158
159
160
161
162
163
164
3000
3100
3200
3300
3400
3500
3600
3700
3800
3900
4000
X: 160
Y: 3613
Type Performance
Frequency(MHz)
X: 161.8
Y: 3565
X: 158.2
Y: 3594
Horizontal: 1MHz/Div
Vertical: 100ns/Div
156
157
158
159
160
161
162
163
164
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
X: 160
Y: -0.3051
Type Performance
Frequency(MHz)
X: 161.8
Y: 1.064
X: 158.2
Y: 0.07958
Horizontal: 1MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com