Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPR18SZPL Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # HPR18SZPL
Description  12 GAUGE ZINC PLATED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HPR18SZPL Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  HPR18SZPL Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
HPR18SZPL
PART NUMBERS
12 GAUGE ZINC PLATED (ZPL FINISH)
HPR18SZPL
NOTES
Can mount directly to frame in full front and full back positions or
can have full front back depth adjustment when used with depth
grid straps.(Sold separately)
Provides 19" mounting centers and sold in pairs
Hammond Website for Additional Accessories
R.S. VIEW
TOP VIEW
A
DETAIL A
6:1
FRONT VIEW
L.S. VIEW
67mm
2.62in
49mm
1.94in
1695mm
66.72in
(38U)
E.I.A. SPACING
ISOMETRIC VIEW
B
DETAIL B
6:1
9mm
0.36in
16mm
0.62in
16mm
0.62in
13mm
0.5in
7mm
0.27in
98mm
3.84in
25mm
0.98in
43mm
1.69in
38mm
1.5in
6mm
0.25in
O
44mm
1.75in
(1U)
0.375q
TYP


Similar Part No. - HPR18SZPL

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HPR18SZPL HAMMOND-HPR18SZPL Datasheet
72Kb / 1P
Rails pour montage sur bati de 19 po et trousse dadaptateur de largeur
More results

Similar Description - HPR18SZPL

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HMEP226 HAMMOND-HMEP226 Datasheet
141Kb / 1P
12 GAUGE GALVANIZED STEEL
HPR16SZPL HAMMOND-HPR16SZPL Datasheet
85Kb / 1P
12 GAUGE ZINC PLATED
HPR20SZPL HAMMOND-HPR20SZPL Datasheet
89Kb / 1P
12 GAUGE ZINC PLATED
HPR22SZPL HAMMOND-HPR22SZPL Datasheet
91Kb / 1P
12 GAUGE ZINC PLATED
logo
E-SWITCH
K200295 E-SWITCH-K200295 Datasheet
135Kb / 1P
HOUSING: NICKEL PLATED ZINC ALLOY (BLACK FACING)
K200298 E-SWITCH-K200298 Datasheet
127Kb / 1P
HOUSING: NICKEL PLATED ZINC ALLOYWITH NICKEL FACING
logo
Molex Electronics Ltd.
130112-0161 MOLEX11-130112-0161 Datasheet
40Kb / 1P
Construction Guard 1-3/4 Neck Zinc Plated
1301120079 MOLEX11-1301120079 Datasheet
43Kb / 1P
100W Guard without Reflector, Steel, Zinc Plated
1301120156 MOLEX11-1301120156 Datasheet
33Kb / 1P
Construction Guard 1-1/2 Neck Zinc Plated
logo
Amphenol Corporation
P-MUSB-B151-XX AMPHENOL-P-MUSB-B151-XX Datasheet
83Kb / 2P
OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com