Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66104-9 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 66104-9
Description  Signal Contacts
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

66104-9 Datasheet(HTML) 3 Page - Tyco Electronics

  66104-9 Datasheet HTML 1Page - Tyco Electronics 66104-9 Datasheet HTML 2Page - Tyco Electronics 66104-9 Datasheet HTML 3Page - Tyco Electronics 66104-9 Datasheet HTML 4Page - Tyco Electronics 66104-9 Datasheet HTML 5Page - Tyco Electronics 66104-9 Datasheet HTML 6Page - Tyco Electronics 66104-9 Datasheet HTML 7Page - Tyco Electronics 66104-9 Datasheet HTML 8Page - Tyco Electronics 66104-9 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
11
Catalog 65910
Dimensions are in inches and
Dimensions are shown for
Technical Support
Revised 7-07
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
Central America: 52-55-5-729-0425
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
South America: 55-11-3611-1514
are metric equivalents.
Mexico: 01-800-733-8926
www.tycoelectronics.com
AMP Precision Pin and Socket Contacts
Note: All part numbers are RoHS compliant except:
Indicates non-RoHS compliant.
Material
Contact Body and Tab—Brass
Retention Spring—Stainless steel
Finish
See chart.
Pin
Pin
Solder Tab
Socket
Socket
Contact Size 16—Pin Diameter .062 [1.57] (Test Current, 13 Ampere)‡
Wire Size
Loose Piece
Range
Contact
Contact No.
AWG
[mm2]
Finish
Pin
Socket
26-20
0.12-0.6
Gold/Nickel1
266182-1
266183-1
18-16
0.8-1.4
Gold/Nickel1
266180-1
266181-1
Solder
Duplex2
202236-7
202237-7
Tab
Bright Tin
202236-5
202237-5
1
.000030 [0.00076] gold in mating area over .000050 [0.00127] nickel.
2
Duplex plated .000030 [0.00076] gold in mating area over .000050 [0.00127] nickel on contact body; bright tin-lead
on solder tab.
3
Bright tin on entire contact.
Note: These contacts can be used in Multimate contact cavities of all connector housings.
‡Single contact, free-air test current is not to be construed as contact rating current. Use only for testing.
Refer to contact current carrying capability information on page 3.
Extraction Tool Part No. 305183 (Instruction Sheet 408-1216)
Type III+, Solder Versions
(Continued)
Spring, Stainless Steel
Pin Body, Brass
Localized Plate Area
Spring
Stainless Steel
Ferrule, Brass,
Nickel Flash
Body
Brass
Solder Post
Brass
.390
[9.91]
Min.
1.112
[28.24]
Max.
.365
[9.27]
Max.
.365
[9.27]
Max.
.020
[0.51]
.058
[1.47]
.105
[2.67]
.865
[21.97]
.120
[3.05]
.200
[5.08]
Min.
.794±.010
[20.17±0.25]
.530±.010
[13.46±0.25]
.0625
+.0010
.0625
–.0020
[1.588
+.0254]
[1.588
–.0508
]
Signal Contacts (Continued)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com