Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 6A4
Description  6.0A SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

6A4 Datasheet(HTML) 2 Page - Diodes Incorporated

  6A4 Datasheet HTML 1Page - Diodes Incorporated 6A4 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS28009 Rev. F-2
2 of 2
6A05 - 6A10
1
2
3
4
5
6
0
20 40 60
80 100 120 140 160 180
TA, AMBIENT TEMPERATURE (ºC)
Output Current Derating Curve
A
B
0.1
1.0
10
40
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
Typical Forward Characteristics
T = 25ºC
J
Pulse Width = 300 ms
2% Duty Cycle
0
5
10
15
20
25
LEAD LENGTH TO HEAT SINK (mm)
Typical Thermal Resistance
(Using Standard Mounting Method "B")
0
5
10
25
15
20
0
100
200
300
400
500
110
100
NUMBER OF CYCLES AT 60 Hz
Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
Recommended Method
(See Derating "A")
Standard Method
(See Derating "B")
Ground Plane: 25mm equivalent
copper surface area
2
Printed Circuit Board Mounting Method



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com