Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6206N3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # LM6206N3
Description  Low Dropout CMOS Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM6206N3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  LM6206N3 Datasheet HTML 1Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 2Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 3Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 4Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 5Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C497N3
Issued Date : 2008.03.25
Revised Date :
Page No. : 4/10
LM6206N3
CYStek Product Specification
LM6206-1.8
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=10mA,Vin=2.8V
1.764
1.800
1.836
V
1
Line Regulation △Vout/△VinVout
Io=30mA,2.8V<Vin<6V
-
0.05
0.25
%/V
1
Load Regulation
Vin=2.8V,1mA<Io<100mA
-
25
100
mV
1
Current Consumption
Vin=2.8V
-
7
15
μ
A
2
Io=30mA
-
75
350
mV
1
Dropout Voltage
Io=100mA
-
250
680
mV
1
LM6206-3.0
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=10mA,Vin=4.0V
2.940
3.000
3.060
V
1
Line Regulation △Vout/△VinVout
Io=30mA,4.0V<Vin<6V
-
0.05
0.25
%/V
1
Load Regulation
Vin=4.0V,1mA<Io<100mA
-
25
100
mV
1
Current Consumption
Vin=4.0V
-
7
15
μ
A
2
Io=30mA
-
75
350
mV
1
Dropout Voltage
Io=100mA
-
250
680
mV
1
LM6206-3.3
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=10mA,Vin=4.3V
3.234
3.300
3.366
V
1
Line Regulation △Vout/△VinVout
Io=30mA,4.3V<Vin<6V
-
0.05
0.25
%/V
1
Load Regulation
Vin=4.3V,1mA<Io<100mA
-
25
100
mV
1
Current Consumption
Vin=4.3V
-
7
15
μ
A
2
Io=30mA
-
75
350
mV
1
Dropout Voltage
Io=100mA
-
250
680
mV
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com