Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9625 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9625
Description  12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9625 Datasheet HTML 9Page - Analog Devices AD9625 Datasheet HTML 10Page - Analog Devices AD9625 Datasheet HTML 11Page - Analog Devices AD9625 Datasheet HTML 12Page - Analog Devices AD9625 Datasheet HTML 13Page - Analog Devices AD9625 Datasheet HTML 14Page - Analog Devices AD9625 Datasheet HTML 15Page - Analog Devices AD9625 Datasheet HTML 16Page - Analog Devices AD9625 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Data Sheet
AD9625
Pin No.
Mnemonic
Type
Description
ADC Analog Input and Outputs Pins
A9
VIN+
Input
Differential Analog Input, True.
A10
VIN−
Input
Differential Analog Input, Complement.
A7
VCM
Output
Analog Input, Common Mode (0.525 V).
E5
VMON
Output
CTAT Voltage Monitor Output (Diode Temperature Sensor).
JESD204B High Speed Power and Ground Pins
N1, N6, N11, P1, P6, P11
DRVDD1
Power
Serial Digital Power Supply (1.3 V).
M1 to M10, M13, M14, P12
DRGND
Ground
Digital Driver Ground Supply. These pins connect to the
digital driver ground plane.
N13, N14
DRVDD2
Power
Power Supply (2.5 V) Reference Clock Divider, SYNCINB±,
DIVCLK±.
M11
DRVDD1
Power
Power Supply (1.3 V) Reference Clock Divider, VCO, and
Synthesizer.
N12
VP_BYP
Input
Voltage Bypass.
L2
DNC
N/A
Do Not Connect. Do not connect to this pin.
JESD204B High Speed Serial I/O Pins
J14
SYSREF+
Input
System Reference Chip Synchronization, True.
K14
SYSREF−
Input
System Reference Chip Synchronization, Complement.
L4
SYNCINB+
Input
Synchronization, True. SYNCINB LVDS input (active low, true).
L3
SYNCINB−
Input
Synchronization, Complement. SYNCINB LVDS input (active
low, complement).
N10
SERDOUT[0]+
Output
Lane 0 CML Output Data, True.
P10
SERDOUT[0]−
Output
Lane 0 CML Output Data, Complement.
N9
SERDOUT[1]+
Output
Lane 1 CML Output Data, True.
P9
SERDOUT[1]−
Output
Lane 1 CML Output Data, Complement.
N8
SERDOUT[2]+
Output
Lane 2 CML Output Data, True.
P8
SERDOUT[2]−
Output
Lane 2 CML Output Data, Complement.
N7
SERDOUT[3]+
Output
Lane 3 CML Output Data, True.
P7
SERDOUT[3]−
Output
Lane 3 CML Output Data, Complement.
N5
SERDOUT[4]+
Output
Lane 4 CML Output Data, True.
P5
SERDOUT[4]−
Output
Lane 4 CML Output Data, Complement.
N4
SERDOUT[5]+
Output
Lane 5 CML Output Data, True.
P4
SERDOUT[5]−
Output
Lane 5 CML Output Data, Complement.
N3
SERDOUT[6]+
Output
Lane 6 CML Output Data, True.
P3
SERDOUT[6]−
Output
Lane 6 CML Output Data, Complement.
N2
SERDOUT[7]+
Output
Lane 7 CML Output Data, True.
P2
SERDOUT[7]−
Output
Lane 7 CML Output Data, Complement.
P14
DIVCLK+
Output
Divide-by-4 Reference Clock LVDS, True.
P13
DIVCLK−
Output
Divide-by-4 Reference Clock LVDS, Complement.
Digital Supply and Ground Pins
D1 to D3, F1 to F3, H1 to H3, K1 to K2
DVDD1
Power
ADC Digital Power Supply (1.3 V).
F5, G5
DVDDIO
Power
Digital I/O Power Supply (2.5 V).
F4
SPI_VDDIO
Power
SPI Digital Power Supply (2.5 V).
E4
DVDD2
Power
ADC Digital Power Supply (2.5 V).
E1 to E3, G1 to G3, J1 to J3, L1, L5 to L9
DGND
Ground
Digital Control Ground Supply. These pins connect to the
digital ground plane.
D4
DNC
N/A
Do Not Connect. Do not connect to this pin. Leave this pin
floating.
Rev. 0 | Page 13 of 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com