Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWDFM09P Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # FWDFM09P
Description  Wasserdichte Steckverbindersysteme
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

FWDFM09P Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  FWDFM09P Datasheet HTML 1Page - Molex Electronics Ltd. FWDFM09P Datasheet HTML 2Page - Molex Electronics Ltd. FWDFM09P Datasheet HTML 3Page - Molex Electronics Ltd. FWDFM09P Datasheet HTML 4Page - Molex Electronics Ltd. FWDFM09P Datasheet HTML 5Page - Molex Electronics Ltd. FWDFM09P Datasheet HTML 6Page - Molex Electronics Ltd. FWDFM09P Datasheet HTML 7Page - Molex Electronics Ltd. FWDFM09P Datasheet HTML 8Page - Molex Electronics Ltd. FWDFM09P Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALL DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
97
DS 10/2007
Connectors with Solder Pot Termination, Front Mounting
Steckverbinder mit Löttopfanschluss, frontseitige Montage
Waterproof Connectors with Plastic Watertight Frames
Wasserdichte Steckverbinder mit Kunststoffdichtrahmen
Connectors with Solder Pot Termination, Rear Mounting
Steckverbinder mit Löttopfanschluss, rückseitige Montage
Connectors with Solder Pot Termination, max. AWG 20
Steckverbinder mit Löttopfanschluss, max. AWG 20
Number of Contacts
A
B
Order Number Pin
Order Number Socket
Inner Thread
Polzahl
±0,2
±0,1
Bestellnummer Stift
Bestellnummer Buchse
Innengewinde
(±0.008) (±0.004)
4-40 UNC
M3
9
40,0
25,0
FWDF09P
FWDF09S
Standard
-K413
(1.575)
(0.984)
Standard
15
48,3
33,3
FWDF15P
FWDF15S
Standard
-K413
(1.902)
(1.311)
Standard
25
62,0
47,04
FWDF25P
FWDF25S
Standard
-K413
(2.441)
(1.852)
Standard
Connectors with Solder Pot Termination, max. AWG 20
Steckverbinder mit Löttopfanschluss, max. AWG 20
Number of Contacts
A
B
Order Number Pin
Order Number Socket
Inner Thread
Polzahl
±0,2
±0,1
Bestellnummer Stift
Bestellnummer Buchse
Innengewinde
(±0.008) (±0.004)
4-40 UNC
M3
9
40,0
25,0
FWDR09P
FWDR09S
Standard
-K414
(1.575)
(0.984)
Standard
15
48,3
33,3
FWDR15P
FWDR15S
Standard
-K414
(1.902)
(1.311)
Standard
25
62,0
47,04
FWDR25P
FWDR25S
Standard
-K414
(2.441)
(1.852)
Standard



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com