Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B140B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B140B
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B140B Datasheet(HTML) 2 Page - Diodes Incorporated

  B140B Datasheet HTML 1Page - Diodes Incorporated B140B Datasheet HTML 2Page - Diodes Incorporated B140B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS13002 Rev. 13 - 2
2 of 3
B120/B-B160/B
www.diodes.com
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics - B120/B thru B140/B
T = +25
°C
A
T = +75
°C
A
T = +125
°C
A
T = -25
°C
A
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FWD VOLTAGE (V)
F
Fig. 3 Typ. Forward Characteristics - B150/B thru B160/B
I Pulse Width = 300 ms
F
T = +125ºC
A
T = +25ºC
A
10
20
30
40
0
1
10
100
Fig. 4 Max Non-Repetitive Peak Fwd Surge Current
NUMBER OF CYCLES AT 60 Hz
Single Half Sine-Wave
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 5 Typical Total Capacitance
T = 25°C
j
f = 1 MHz
0
0.5
1.0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE (ºC)
T
Fig. 1 Forward Current Derating Curve
100
10
1
0.1
0.01
1000
10,000
0
20
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 6 Typical Reverse Characteristics, B120/B thru B140/B
10
30
50
T = +25
°C
A
T = +125
°C
A
T = -25
°C
A
T = +75
°C
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com