Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232H Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 49Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 50Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 51Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 52Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 53Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 54Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 55Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 56Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
53
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
6.2.1 Self Powered application example 2
Self powered configuration running on 3.3V
Figure 6.3 Self Powered Configuration Example 2
Figure 6.3 illustrates the FT232H in a typical USB self powered configuration similar to Figure 6.2. The
difference here is that the VREGIN is connected to the external 3V3 LDO regulator output which supplies
3.3V to the VCCIOs, VCCD, VPLL and VPHY. Please note that when the FT232H running on +3V3
(VREGIN), the VCCD becomes an input. In this application the VREGIN is the +3V3 input to the on
chip+3.3V/1.8V regulator. The output of the on chip LDO regulator (+1.8V) drives pin 38, VCORE and pin
37, VCCA.
Note that in this set-up, the EEPROM should be configured for self-powered operation and the option
“suspend on ACBUS7 low” selected in FT_Prog . Self-power mode requires ACBUS7 which prevents the
use of MPSSE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com