Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B120 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B120
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B120 Datasheet(HTML) 1 Page - Diodes Incorporated

  B120 Datasheet HTML 1Page - Diodes Incorporated B120 Datasheet HTML 2Page - Diodes Incorporated B120 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS13002 Rev. 13 - 2
1 of 3
B120/B-B160/B
www.diodes.com
ã Diodes Incorporated
B120/B - B160/B
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Guard Ring Die Construction for
Transient Protection
·
Ideally Suited for Automatic Assembly
·
Low Power Loss, High Efficiency
·
Surge Overload Rating to 30A Peak
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
·
Lead Free Finish/RoHS Compliant (Note 3)
Mechanical Data
·
Case: SMA/SMB
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Marking Information: See page 3
·
Ordering Information: See page 3
·
Approximate Weight: SMA 0.064 grams
SMB 0.093 grams
No Suffix Designates SMA Package
“B” Suffix Designates SMB Package
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dim
SMA
SMB
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Characteristic
Symbol
B120/B
B130/B
B140/B
B150/B
B160/B
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
@ TT = 130°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
30
A
Forward Voltage
@ IF = 1.0A
VFM
0.50
0.70
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IRM
0.5
10
mA
Typical Total Capacitance (Note 2)
CT
110
pF
Typical Thermal Resistance Junction to Terminal (Note 1)
RqJT
20
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal Resistance: Junction to terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pads as heat sink.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7.
Features


Similar Part No. - B120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
B120 FUJI-B120 Datasheet
648Kb / 1P
1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B120 WEITRON-B120 Datasheet
213Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B120 DIODES-B120 Datasheet
486Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Galaxy Semi-Conductor H...
B120 BILIN-B120 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
B120 VISHAY-B120 Datasheet
111Kb / 5P
Surface Mount Schottky Barrier Rectifier
19-May-08
More results

Similar Description - B120

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B130L DIODES-B130L Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B130L DIODES-B130L_1 Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
logo
SUNMATE electronic Co.,...
BYM13-20 SUNMATE-BYM13-20 Datasheet
222Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 18
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
DFLS130LQ DIODES-DFLS130LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
B130L DIODES-B130L_15 Datasheet
118Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B140HW DIODES-B140HW_15 Datasheet
125Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com