| Electronic Components Datasheet Search |
|
FD-AFM2E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FD-AFM2E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 16 page ![]() 123 FIBER SENSORS LASER SENSORS PHOTOELECTRIC SENSORS MICRO PHOTOELECTRIC SENSORS AREA SENSORS SAFETY COMPONENTS PRESSURE SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS WIRE-SAVING SYSTEMS MEASUREMENT SENSORS STATIC CONTROL DEVICES LASER MARKERS Selection Guide Fiber Sensor Amplifiers FX-300 FX-100 Fibers FT / FD / FR FX-410 FX-311 FX-11A FX-301-F Other Products FIBER SENSORS FX-100 Fiber Sensor Amplifiers Related Information Digital Fiber Sensor FX-100 SERIES Glossary of terms / General precautions...P.983~ / P.986~ ■ Taking fiber sensors to the next level Conforming to EMC Directive The dual digital display allows users to check both the threshold value and incident light intensity at the same time, allowing for clear and intuitive control of the sensor’s functions. The threshold value can be adjusted simply by pressing the (UP) key or the (DOWN) key, so that the output operation can be controlled with high precision, directly from the RUN mode. Setup is made simple, using a dual digital display Commercially-available connectors are used so that lead time and spare part numbers can both be reduced The connectors used are commercially-available connectors, so that processing costs and lead time required for carrying out processing after purchase of the sensors can be greatly reduced. The same connection parts as the DP-100 series of digital pressure sensors and the PM-64 series of micro photoelectric sensors can be used. Fiber selection................................. P.63~ ■ General terms and conditions............. P.1 ■ Sensor selection guide........P.11~ / P.61~ ■ PNP output type available Timer Light intensity monitor Interference prevention Automatic sensitivity setting Test input Conventional (cable type) From now on (built-in connector type) Using cables with connectors 1 Sensor purchase and preparation 2 Harness processing by outside order 1 Sensor purchase and preparation 2 Harness processing by outside order 1 Purchase of sensors and cable with connectors Conventional lead time Customer Harness processor Customer Customer Harness processor Sensor preparation Sensor preparation Harness Processing Harness Processing Sensor installation Reduced Sensor installation Reduced Sensor preparation Sensor installation Lead time from now on Lead time further reduced Reduced lead time ● Harness processing by outside order after sensor preparation ● Harness processing by outside order Commercially-available press-fit connectors are used, so that the processing costs for connection cables can be greatly reduced. Threshold value Incident light intensity Connection with a commercially-available connector http://www.sunx.com SUNX website |
Similar Part No. - FD-AFM2E |
|
Similar Description - FD-AFM2E |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |