Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDD509 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDD509
Description  9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD509 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDD509 Datasheet HTML 1Page - IXYS Corporation IXDD509 Datasheet HTML 2Page - IXYS Corporation IXDD509 Datasheet HTML 3Page - IXYS Corporation IXDD509 Datasheet HTML 4Page - IXYS Corporation IXDD509 Datasheet HTML 5Page - IXYS Corporation IXDD509 Datasheet HTML 6Page - IXYS Corporation IXDD509 Datasheet HTML 7Page - IXYS Corporation IXDD509 Datasheet HTML 8Page - IXYS Corporation IXDD509 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
IXDD509 / IXDE509
IXYS reserves the right to change limits, test conditions, and dimensions.
Pin Description
CAUTION: Follow proper ESD procedures when handling and assembling this component.
PIN
SYMBOL
FUNCTION
DESCRIPTION
1,8
VCC
Supply Voltage
Power supply input voltage. These pins provide power to
the entire device. The range for this voltage is from 4.5V to
30V.
2
IN
Input
Input signal-TTL or CMOS compatible.
3
EN
Enable
The device ENABLE pin. This pin, when driven low,
disables the chip, forcing a high impedance state at the
output. EN can be pulled high by a resistor.
6,7
OUT
Output
Driver Output. For application purposes, these pins are
connected, through a resistor, to Gate of a MOSFET/IGBT.
4,8
GND
Ground
The device ground pins. Internally connected to all circuitry,
these pins provide ground reference for the entire chip and
should be connected to a low noise analog ground plane for
optimum performance.
Figure 3 - Characteristics Test Diagram
PIN CONFIGURATIONS
NOTE: Solder tabs on bottoms of DFN packages are grounded
8 PIN DIP (PI)
8 PIN SOIC (SIA)
VCC
IN
EN
GND
VCC
OUT
OUT
1
2
3
4
8
7
6
5
I
X
D
E
5
0
9
GND
8 PIN DIP (PI)
8 PIN SOIC (SIA)
VCC
IN
EN
GND
VCC
OUT
OUT
1
2
3
4
8
7
6
I
X
D
D
5
0
9
GND
6 LEAD DFN (D1)
(Bottom View)
IN
EN
GND
VCC
GND
OUT
1
2
3
6
5
4
I
X
D
D
5
0
9
6 LEAD DFN (D1)
(Bottom View)
IN
EN
GND
VCC
GND
OUT
1
2
3
6
5
4
I
X
D
E
5
0
9
5
VIN
0V
5V
VIN
C
LOAD
Agilent 1147A
Current Probe
1
2
3
4
5
6
7
8
10uf
0.01uf
Vcc
0V
Vcc
VOUT
0V
Vcc
IXDD
IXDE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com