Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTA10N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTA10N60P
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA10N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTA10N60P Datasheet HTML 1Page - IXYS Corporation IXTA10N60P Datasheet HTML 2Page - IXYS Corporation IXTA10N60P Datasheet HTML 3Page - IXYS Corporation IXTA10N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
600
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C10
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
25
A
I
A
T
C = 25°C10
A
E
AS
T
C = 25°C
500
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062in.) from Case for 10s
300
°C
T
sold
Plastic Body for 10 Seconds
260
°C
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
IXTA10N60P
IXTP10N60P
V
DSS
= 600V
I
D25
= 10A
R
DS(on) ≤
≤≤≤≤ 740m
Ω
Ω
Ω
Ω
Ω
DS99330F(04/10)
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-263 AA (IXTA)
G
D S
TO-220AB (IXTP)
D (Tab)
G
S
D (Tab)
PolarTM
Power MOSFET
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
600
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
μA
T
J = 125°C
50
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Notes 1, 2
740 m
Ω
Features
International Standard Packages
Dynamic dv/dt Rating
Avalanche Rated
Fast Intrinsic Rectifier
Low Q
G
Low R
DS(on)
Low Drain-to-Tab Capacitance
Low Package Inductance
Advantages
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
Uninterrupted Power Supplies
AC Motor Drives
High Speed Power Switching
Applications


Similar Part No. - IXTA10N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA10N60P IXYS-IXTA10N60P Datasheet
246Kb / 4P
PolarHV Power MOSFET
logo
Inchange Semiconductor ...
IXTA10N60P ISC-IXTA10N60P Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTA10N60P

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com