Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTJ36N20 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTJ36N20
Description  N-Channel Enhancement Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTJ36N20 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTJ36N20 Datasheet HTML 1Page - IXYS Corporation IXTJ36N20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFJ 36N30
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 10 V; I
D = 0.5 ID25, pulse test
12
22
S
C
iss
2970
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
530
pF
C
rss
180
pF
t
d(on)
29
ns
t
r
V
GS
= 10 V, V
DS = 0.5
V
DSS, ID = 0.5 ID25
130
ns
t
d(off)
R
G = 2 Ω (External)
110
ns
t
f
98
ns
Q
g(on)
106
140
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5
V
DSS, ID = 0.5 ID25
24
40
nC
Q
gd
43
74
nC
R
thJC
0.65
K/W
R
thCK
0.24
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
36
A
I
SM
Repetitive;
144
A
pulse width limited by T
JM
V
SD
I
F
= I
S, VGS = 0 V,
1.8
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
I
F
= I
S, -di/dt = 100 A/µs,
T
J =
25
°C
200
ns
V
R = 100 V
T
J = 125°C
350
ns
Leaded TO-268 Package Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com