Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS85T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS85T
Description  SILICON SCHOTTKY BARRIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS85T Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS85T Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIODES INC 3050 East Hillcrest Drive, Westlake Village, CA 91362-3154
TEL: (805) 446-4800 FAX: (805) 446-4850
Document Number: 11004 Revision A- 5
Page 1 of 1
FAX-BACK: (805) 446-4870 www.diodes.com
BAS85T-01I
SILICON SCHOTTKY BARRIER DIODE
Mechanical Data
·
Glass case
·
Weight: 0.05g (approx)
Maximum Ratings
* Valid provided that electrodes are kept at ambient temperature.
·
For general applications
·
Low turn-on voltage
·
PN junction guard ring
Electrical Characteristics
C
A
B
Min
Max
A
3.4
3.6
B
1.40
1.50
C
0.20
0.40
All dimensions in mm
Characteristic
Symbol
Value
Unit
Continuous reverse voltage
VR
30
V
Forward continuous current*
IF
200
mA
Peak forward current *
IFM
300
mA
Surge forward current*
@ tp = 1s
IFSM
600
mA
Power dissipation*
@ TA = 65°C
Ptot
250
mW
Junction temperature
Tj
125
°C
Operating temperature range
TA
-65 to +125
°C
Storage temperature range
TSTG
-65 to +150
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse breakdown voltage
10 µA pulses
V(BR)R
30
—
—
V
@Tj = 25°C unless otherwise specified
@ TA = 25°C unless otherwise specified
Features


Similar Part No. - BAS85T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85 PHILIPS-BAS85 Datasheet
25Kb / 5P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAS85 DIODES-BAS85 Datasheet
47Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
DS30189 Rev. A-5
logo
General Semiconductor
BAS85 GE-BAS85 Datasheet
42Kb / 2P
Schottky Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results

Similar Description - BAS85T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
Silicon Schottky Barrier Diode
logo
Guangdong Kexin Industr...
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
Silicon Schottky Barrier Diode
logo
Sanken electric
FMB-24 SANKEN-FMB-24_11 Datasheet
196Kb / 5P
Silicon Schottky Barrier Diode
FMW-2204 SANKEN-FMW-2204 Datasheet
251Kb / 5P
Silicon Schottky Barrier Diode
FMW-4306 SANKEN-FMW-4306 Datasheet
181Kb / 5P
Silicon Schottky Barrier Diode
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com