Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZIOL2201 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZIOL2201
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2201 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZIOL2201 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
21 of 90
Figure 3.5 ZIOL24xx in Device and Master Mode Application
COM
AUX
bidirectional
communication
direct signalling
COM
AUX
L+
L-
ZIOL24xx
ZIOL24xx
Device
Master
AUX_RX
AUX_EN
(WURQ)
COM_EN
RX
TX
COM_EN
TX
RX
AUX_EN
AUX_TX
The illustration in Figure 3.5 shows the principal way of using the ZIOL2xxx integrated circuit in master and
device mode. Figure 3.5 does not include all required electronic components of the application circuit which are
mentioned in chapter 4 (Figure 4.1 and Figure 4.2).
3.2.2.3. Configuration
The COM and AUX drivers are built identically. Their features can be configured in a wide range. The behavior of
the output stages can be set to push, pull or push/pull. Current limitation and the overload timing can be set
individually. In order to improve the EMC system behavior the slew rate of the output signal is controlled and can
be set according to the needs of the application. The following table gives an overview of the possible
configurations for the COM and AUX driver in master and device mode, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com