Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLED7010 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7010 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZLED7010 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ZLED7010
40V LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes
without notice.
6 of 23
1
IC Characteristics
1.1.
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage
VIN
-0.3
50
V
Vin >5V
VIN - 5
VIN + 0.3
V
1.1.2
ISENSE voltage
VISENSE
Vin <5V
0
VIN + 0.3
V
1.1.3
LX output voltage
VLX
-0.3
50
V
1.1.4
Control pin input voltage
VADJ, VADJO,
RTH, RNTC
-0.3
6
V
1.1.5
Switch output current
ILX
900
mA
1.1.6
Power dissipation
Ptot
SOP-8
1.2
W
1.1.7
Storage temperature
TST
-55
150
°C
1.1.8
Junction temperature
Tj MAX
150
°C
1.2.
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
TOP
-40
+85
°C
1.2.2
Input voltage
VIN
6
40
V
1.3.
Electrical Parameters
Production testing is at 25°C. At other temperatures within the specified operating range, functional operation
of the chip and specified parameters are guaranteed by characterization, design, and process control.
Test conditions are Tamb = 25°C; VIN = 12V except as noted.
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
Quiescent supply current
with output off
IINQoff
ADJI pin grounded
40
60
80
μA
1.3.2
Quiescent supply current
with output switching
IINQon
ADJI pin floating
450
600
μA
1.3.3
Mean current sense
threshold voltage
VSENSE
Measured on ISENSE pin
with respect to VIN; ADJI
pin floating
91
95
101
mV
1.3.4
Sense threshold hysteresis
VSENSEHYS
±15
%
1.3.5
ISENSE pin input current
ISENSE
VSENSE = 0.1V
8
10
μA
1.3.6
Internal reference voltage
VREF
Measured on ADJI pin
with pin floating
1.2
V
1.3.7
External control voltage
range on ADJI pin for DC
brightness control
VADJI
0.3
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com