Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT43WS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT43WS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT43WS Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT43WS Datasheet HTML 1Page - Diodes Incorporated BAT43WS Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30100 Rev. 7 - 2
1 of 2
BAT42WS / BAT43WS
BAT42WS / BAT43WS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
·
Low Forward Voltage Drop
·
Fast Switching
·
Ultra-Small Surface Mount Package
·
Case: SOD-323, Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Leads: Solderable per MIL-STD-202,
Method 208
·
BAT42WS Marking: S7
·
BAT43WS Marking: S8
·
Polarity: Cathode Band
·
Weight: 0.004 grams (approx.)
Mechanical Data
A
B
C
D
E
G
a
H
J
Characteristic
Symbol
BAT42WS / BAT43WS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Forward Continuous Current
IFM
200
mA
Average Rectified Output Current
IO
100
mA
Repetitive Peak Forward Current
@ t < 1.0s
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t < 10ms
IFSM
4.0
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-55 to +125
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
¾
V
IR = 100
mA
Forward Voltage Drop (Note 2)
Both Types
BAT42WS
BAT42WS
BAT43WS
BAT43WS
VFM
¾
¾
¾
0.26
¾
1.0
0.40
0.65
0.33
0.45
V
IF = 200mA
IF = 10mA
IF = 50mA
IF = 2.0mA
IF = 15mA
Peak Reverse Current (Note 2)
IRM
¾
500
100
nA
mA
VR = 25V
VR = 25V, Tj = 100
°C
Total Capacitance
CT
¾
10
pF
VR = 1.0, f = 1.0MHz
Reverse Recovery Time
trr
¾
5.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Part mounted on FR4 PC Board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.05 Typical
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
a
0
°
8
°
All Dimensions in mm


Similar Part No. - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Formosa MS
BAT43WS FORMOSA-BAT43WS Datasheet
84Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
Jiangsu Changjiang Elec...
BAT43WS JIANGSU-BAT43WS Datasheet
135Kb / 2P
SCHOTTKY DIODES
logo
Weitron Technology
BAT43WS WEITRON-BAT43WS Datasheet
172Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
BAT43WS DIODES-BAT43WS Datasheet
352Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 11 - 2
More results

Similar Description - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com