Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54T
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54T Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54T Datasheet HTML 1Page - Diodes Incorporated BAT54T Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30259 Rev. 3 - 2
2 of 2
BAT54T /AT /CT /ST
Ordering Information (Note 3)
Device
Packaging
Shipping
BAT54T-7
SOT-523
3000/Tape & Reel
BAT54AT-7
SOT-523
3000/Tape & Reel
BAT54CT-7
SOT-523
3000/Tape & Reel
BAT54ST-7
SOT-523
3000/Tape & Reel
Notes:
3. For Packaging Details: go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
0
100
0
25
50
75
100
125
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Derating Curve
200
0.1
1
1000
100
10
0
100
200
300
400
600
500
T , INSTANTANEOUS FORWARD VOLTAGE (mV)
j
Fig. 2, Typical Forward Characteristics
T = -25°C
A
T = +25°C
A
T = +125°C
A
T = +100°C
A
0.1
1
1000
100
10
0
50
100
150
T , JUNCTION TEMPERATURE (
°C)
j
Fig. 3, Typical Reverse Characteristics
V = 25V
R
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Date Code Key
XX = Product Type Marking Code (See Page 1, e.g. L1 = BAT54T)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XXYM
Marking Information
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com