Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD33CV Datasheet(PDF) 42 Page - STMicroelectronics

Part # LD33CV
Description  Adjustable and fixed low drop positive voltage regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD33CV Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LD33CV Datasheet HTML 36Page - STMicroelectronics LD33CV Datasheet HTML 37Page - STMicroelectronics LD33CV Datasheet HTML 38Page - STMicroelectronics LD33CV Datasheet HTML 39Page - STMicroelectronics LD33CV Datasheet HTML 40Page - STMicroelectronics LD33CV Datasheet HTML 41Page - STMicroelectronics LD33CV Datasheet HTML 42Page - STMicroelectronics LD33CV Datasheet HTML 43Page - STMicroelectronics LD33CV Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Order codes
LD1117
42/44
DocID2572 Rev 33
10
Order codes
Table 24. Order codes
Packages
SOT-223
SO-8
DPAK
(Tape and reel)
TO-220
TO-220
(Dual Gauge)
Output
voltages
LD1117S12TR
LD1117DT12TR
1.2 V
LD1117S12CTR
LD1117DT12CTR
1.2 V
LD1117S18TR
LD1117DT18TR
LD1117V18
1.8 V
LD1117S18CTR
LD1117DT18CTR
1.8 V
LD1117S25TR
LD1117DT25TR
2.5 V
LD1117S25CTR
LD1117DT25CTR
2.5 V
LD1117S33TR
LD1117D33TR
LD1117DT33TR
LD1117V33
LD1117V33-DG
3.3 V
LD1117V33C-DG
3.3 V
LD1117S33CTR
LD1117D33CTR
LD1117DT33CTR
LD1117V33C
3.3 V
LD1117S50TR
LD1117DT50TR
LD1117V50
LD1117V50-DG
5 V
5 V
LD1117S50CTR
LD1117DT50CTR
LD1117V50C
5 V
LD1117STR
LD1117DTTR
LD1117V
LD1117V-DG
ADJ from
1.25 to 15 V
ADJ from
1.25 to 15 V
LD1117SC-R
LD1117DTC-R
ADJ from
1.25 to 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com