Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6SL10M Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 6SL10M
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

6SL10M Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  6SL10M Datasheet HTML 1Page - RUBYCON CORPORATION 6SL10M Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
• RoHS compliance
• Pb Free and compalible with reflow soldering (250°C, 5sec):(Availabe for MSL3)
SPECIFICATIONS
Series
SL
SW
SXB
SXE
SLE
1900
3500
3000 (8V)
3000
3000
150%
150%
500%
Rated voltage × 1.3
0.1
0.05
6.3
2 ∼ 82 ∼ 6.3
2 ∼ 82 ∼ 82 ∼ 6.3
2.7mm
2.9mm
10
15 ∼ 100
33 ∼ 220
15 ∼ 100
33 ∼ 220
120 ∼ 390
13
15 (8V)
10
13 (8V)
10
13 (8V)
10
50
9
0.04CV
- 55 ∼ +105°C
Category Temperature Range (°C)
Rated Voltage Range (V. DC)
Rated Cap. Range (
µF)
Capacitance Tolerance (20°C/120Hz)
Leakage Current (after 5 minutes) (
µA)
Endurance
(+105°C, 2000hrs, Rated voltage applied)
(20°C)
Damp heat (Steady state)
(+60°C, 90 to 95%RH, 500hrs, No-applied voltage)
(20°C)
Dissipation Factor (20°C/120Hz)
(tanδ)
Equivalent Series Resistance (E.S.R.) (m Ω) (20°C/100kHz)
Maximum Permissible Ripple Current (mA r.m.s)(100kHz)
Surge Voltage
Within - 20
∼ + 40% of the initial value
initial specifed value
200% of initial specified value
200% of initial specified value
300% of initial specified value
tan δ
LC
C/C
C/C
tan δ
LC
=
<
150%
=
<
150%
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
20%
+
-
Within
20% of the initial value
+
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com