Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3154 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3154 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZSSC3154 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ZSSC3154
Automotive Sensor Signal Conditioner with Dual Analog Output
Evaluation Kit
March 13, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
13 of 23
3.6.
Operational Modes
ZSSC3154 provides several AOUT2 output behaviors based on the
EEPROM settings.
The AOUT2 output is selected by the “Mode” fields
under “Out2” (see Figure 3.10 and Table 3.1). The AOUT1 output always
represents the calibrated sensor signal. Digital filter settings can also be
adjusted in this section with the LPFAVRG and LPFDIFF fields for each
output in the range of 0 to 7. For more details refer to the ZSSC3154
Functional Description.
Note: It is recommended that both outputs have the same filter settings for
LPFAVRG and LPFDIFF.
Table 3.1
Operational Modes for the AOUT2 Output
AOUT2 Mode
Mode Setting
AOUT2 Sensor Output Options
Single
Temperature and
Bridge Signal
SingleT&B
Temperature
1-Bridge
Bridge/2
(1-Bridge)/2
Single Half Bridge
SingleHB
Half Bridge
Sequential
Temperature
SequTemp
Temperature & Bridge Sensor
Temperature & 1-Bridge Sensor
Temperature & (Bridge Sensor)/2
Temperature & (1-Bridge Sensor)/2
Sequential Half
Bridge
SequHB
Half Bridge & Bridge Sensor
Half Bridge & 1-Bridge Sensor
Half Bridge & (Bridge Sensor)/2
Half Bridge & (1-Bridge Sensor)/2
3.7.
Calibration Window
The “Sensor – Calibration” dialog is used to perform a calibration of the ZSSC3154 with either the SRB or
the user’s sensor module.
This screen can be accessed by either clicking on the
icon or selecting “Calibration” on the top menu.
Section 4 gives an example calibration using the commands on this screen:
Figure 3.10 Operational Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com