| Electronic Components Datasheet Search |
|
ZSSC3170 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZSSC3170 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 27 page ![]() ZSSC3170 Automotive Sensor Signal Conditioner with LIN and PWM Interface Evaluation Kit November 28, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.00 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 9 of 26 3 ZSSC3170 Software 3.1. Overview The ZMDI software provided with the ZSSC3170 SSC Evaluation Kit is intended for demonstration purposes and calibration of single units. This section gives a short overview of the variety of ways to use this evalu- ation software. For calibration examples using the complete SSC Evaluation Kit, refer to section 4. The default software installation folder is C:\\program files\ZMDI\ZSSC3170. ZMDI can provide the user with algorithms and assistance in developing their full production calibration software. The software logs various data and commands into log files. The software contains 5 menus that are intended for the following functions: Main Window: IC setup, configuration, and communication via check boxes, entry fields, and pull-down menus RAM/EEPROM Dialog: direct access to RAM/EEPROM registers (consecutively numbered) Calibration Register Dialog: direct access to RAM/EEPROM registers (sorted by category) Calibration Dialog: acquisition of raw values from sensor and calculation of coefficients Get Raw Values Dialog: special Dx commands for the ZSSC3170 § Send Command Dialog: low-level write/read communication with the SSC CB ** 3.2. USB Driver Installation The SSC Evaluation Kit requires installation of two USB drivers. To install the drivers, the user’s system must meet these requirements and provide administrative rights if necessary: x86-compatible PC 64 MB RAM Hard drive with 20MB free space USB port Windows® 2000/XP/Vista/Windows® 7 The two required driver files are in the USB_Driver folder on the Evaluation Kit DVD. These drivers will make the PC’s USB port appear as a virtual COM port (typically COM3 or COM4 on most computers, as shown in the pictures below). The SSC Evaluation Kit software accesses the SSC Evaluation Board through the CB as if it were a COM (RS232) port. These drivers will not affect the operation of any other USB peripherals. Refer to SSC CB AN - USB Driver Installation Rev_X_xy.pdf for instructions on installing these two drivers and for determining the virtual COM port for the SSC Evaluation Kit, which is needed for setting up the kit. § For details of the Dx commands, refer to the ZSSC3170 Functional Description. ** For details about SSC CB command structure, refer to the SSC Communication Board Data Sheet and SSC Command Syntax. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |