Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV27 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BYV27
Description  2.0A SUPER-FAST GLASS BODY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BYV27 Datasheet(HTML) 1 Page - Diodes Incorporated

  BYV27 Datasheet HTML 1Page - Diodes Incorporated BYV27 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30038 Rev. A - PRELIMINARY
1 of 2
BYV27/50 / BYV27/200
Features
BYV27/50 - BYV27/200
2.0A SUPER-FAST GLASS BODY RECTIFIER
A
A
B
C
D
SOD-57
Dim
Min
Max
A
26.0
¾
B
¾
4.2
C
¾
0.82
D
¾
3.6
All Dimensions in mm
Mechanical Data
·
Case: SOD-57, Glass
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Weight: 0.50 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Maximum Ratings and Electrical Characteristics @Tj =25°C unless otherwise specified
Characteristic
Symbol
BYV27/50
BYV27/100
BYV27/150
BYV27/200
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
V
RMS Reverse Voltage
VR(RMS)
35
70
100
140
V
Non-Repetitive Peak Reverse Voltage
VRSM
55
110
165
220
V
Average Rectified Output Current
(Note 1)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Repetitive Forward Surge Current
IFRM
15
A
Forward Voltage
@ IF = 5.0A
VFM
1.1
V
Peak Reverse Current
@ Tj =25°C
at Rated DC Blocking Voltage
@ Tj = 165°C
IRM
1.0
150
mA
Non-Repetitive Reverse Avalanche Energy
IR = 0.6A Inductive Load
@ Tj = 175°C
ERSM
20
mJ
Reverse Recovery Time
(Note 2)
trr
25
ns
Typical Thermal Resistance Junction to Ambient (Note 1)
RqJA
45
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Notes:
1.Leads maintained at ambient temperature at a distance of 10mm from the case.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 4.
·
Hermetically Sealed Glass Body Construction
·
Controlled Avalanche Characteristics
·
Super-Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 50A Peak
·
Low Reverse Leakage Current


Similar Part No. - BYV27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV27 VISHAY-BYV27 Datasheet
43Kb / 4P
Ultra Fast Silicon Mesa Rectifiers
24-Jun-98
logo
SynSemi, Inc.
BYV27 SYNSEMI-BYV27 Datasheet
31Kb / 2P
EPITAXIAL AVALANCHE DIODES
logo
New Jersey Semi-Conduct...
BYV27 NJSEMI-BYV27 Datasheet
201Kb / 3P
Ultra fast low-loss controlled avalanche rectifiers
logo
EIC discrete Semiconduc...
BYV27 EIC-BYV27 Datasheet
74Kb / 2P
EPITAXIAL AVALANCHE DIODES
Rev. 03 : July 8, 2005
More results

Similar Description - BYV27

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Diodes Incorporated
BYV28 DIODES-BYV28 Datasheet
75Kb / 2P
3.0A SUPER-FAST GLASS BODY RECTIFIER
DS30033 Rev. A
SF20AG DIODES-SF20AG Datasheet
62Kb / 2P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
SF21 DIODES-SF21 Datasheet
53Kb / 2P
2.0A SUPER-FAST RECOVERY RECTIFIER
DS24002 Rev. D-3
SF20AG DIODES-SF20AG_1 Datasheet
404Kb / 3P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. 3 - 2
PR2001G DIODES-PR2001G_1 Datasheet
373Kb / 3P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
TAITRON Components Inco...
TSF21 TAITRON-TSF21 Datasheet
139Kb / 4P
2.0A Super Fast Recovery Rectifier
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
2.0A Sintered Glass Passivated Super Fast Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Sangdest Microelectroni...
SF21 SMC-SF21 Datasheet
185Kb / 4P
2.0A SUPER- FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com