Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT08031 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT08031
Description  80MHz SAW Filter 5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT08031 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT08031 Datasheet HTML 1Page - SIPAT Co,Ltd LBT08031 Datasheet HTML 2Page - SIPAT Co,Ltd LBT08031 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT08031
Rev. Date
2008-05-23
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
80MHz SAW Filter
5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT08031
Typical Performance
Frequency Respond
Passband Respond
70
72
74
76
78
80
82
84
86
88
90
-115.5543
-105.5543
-95.5543
-85.5543
-75.5543
-65.5543
-55.5543
-45.5543
-35.5543
-25.5543
-15.5543
Type Performance
Frequency(MHz)
75
76
77
78
79
80
81
82
83
84
85
-28.0543
-27.5543
-27.0543
-26.5543
-26.0543
-25.5543
-25.0543
-24.5543
-24.0543
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2.5MHz)
Phase Linearity(f0±2.5MHz)
76
77
78
79
80
81
82
83
84
2000
2100
2200
2300
2400
2500
2600
2700
2800
2900
3000
X: 80
Y: 2598
Type Performance
Frequency(MHz)
X: 82.5
Y: 2508
X: 77.5
Y: 2524
76
77
78
79
80
81
82
83
84
-80
-60
-40
-20
0
20
40
60
X: 82.5
Y: 8.757
Type Performance
Frequency(MHz)
X: 77.5
Y: 8.765
X: 80
Y: 0.9769
Horizontal: 1MHz/Div
Vertical: 100ns/Div
Horizontal: 1MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com