Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-L5973AD Datasheet(PDF) 1 Page - STMicroelectronics

Part # E-L5973AD
Description  2 A switch step down switching regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L5973AD Datasheet(HTML) 1 Page - STMicroelectronics

  E-L5973AD Datasheet HTML 1Page - STMicroelectronics E-L5973AD Datasheet HTML 2Page - STMicroelectronics E-L5973AD Datasheet HTML 3Page - STMicroelectronics E-L5973AD Datasheet HTML 4Page - STMicroelectronics E-L5973AD Datasheet HTML 5Page - STMicroelectronics E-L5973AD Datasheet HTML 6Page - STMicroelectronics E-L5973AD Datasheet HTML 7Page - STMicroelectronics E-L5973AD Datasheet HTML 8Page - STMicroelectronics E-L5973AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
November 2009
Doc ID 9552 Rev 9
1/22
22
L5973AD
2 A switch step down switching regulator
Features
■ 2 A internal switch
■ Operating input voltage from 4 V to 36 V
■ 3.3 V / (±2%) reference voltage
■ Output voltage adjustable from 1.235 V to 35 V
■ Low dropout operation: 100% duty cycle
■ 500 kHz Internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting
■ Inhibit for zero current consumption
■ Synchronization
■ Protection against feedback disconnection
■ Thermal shutdown
Applications
■ Consumer: STB, DVD, TV, VCR, car radio,
LCD monitors
■ Networking: XDSL, modems, DC-DC modules
■ Computer: printers, audio/graphic cards,
optical storage, hard disk drive
■ Industrial: chargers, car battery, DC-DC
converters
Description
The L5973AD is a step down monolithic power
switching regulator with a switch current limit of
2 A so it is able to deliver more than 1.5 A DC
current to the load depending on the application
conditions.
The output voltage can be set from 1.235 V
to 35 V. The high current level is also achieved
thanks to an SO8 package with exposed frame,
that allows to reduce the RthJA down to
approximately 40 °C/W.
The device uses an internal P-Channel D-MOS
transistor (with a typical of 200 m
Ω) as switching
element to avoid the use of bootstrap capacitor
and guarantee high efficiency.
An internal oscillator fixes the switching frequency
at 500 kHz to minimize the size of external
components.
Having a minimum input voltage of 4 V only, it is
particularly suitable for 5 V bus, available in all
computer related applications.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection.
HSOP8 exposed pad
Figure 1.
Test application circuit
D03IN1453
8
4
5
1
7
L5973AD
C1
10
μF
35V
CERAMIC
C2
330
μF
10V
VOUT=3.3V
VIN = 4V to 35V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
μH
D1
STPS340U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF
www.st.com


Similar Part No. - E-L5973AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L5970D STMICROELECTRONICS-E-L5970D Datasheet
285Kb / 16P
Up to 1A step down switching regulator
16-Oct-2007
More results

Similar Description - E-L5973AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
2A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
L5970AD STMICROELECTRONICS-L5970AD Datasheet
135Kb / 11P
1.5A SWITCH STEP DOWN SWITCHING REGULATOR
Mar-2005
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
L5973AD STMICROELECTRONICS-L5973AD_08 Datasheet
491Kb / 21P
2 A switch step down switching regulator
10-Jan-2008
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
L5973D STMICROELECTRONICS-L5973D_08 Datasheet
299Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
L5985 STMICROELECTRONICS-L5985_08 Datasheet
971Kb / 37P
2 A step-down switching regulator
16-Sep-2008
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
E-L293DD STMICROELECTRONICS-E-L293DD Datasheet
298Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com