Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFR1V152S Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Aluminum Electrolytic Capacitors/ FR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFR1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
– EEE-85 –
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs) (pcs)
25
47
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1E470( )
200
2000
68
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1E680( )
200
2000
100
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1E101( )
200
2000
150
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1E151( )
200
2000
220
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1E221( )
200
1000
330
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1E331( )
200
1000
390
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1E391L( )
200
1000
470
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1E471Y( )
200
1000
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1E471L( )
200
1000
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR1E471( )
200
500
560
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1E561L( )
200
1000
680
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1E681L( )
200
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1E681( )
200
500
820
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR1E821( )
200
500
1000
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR1E102( )
200
500
10
25
2470
0.018 10000
0.6
5.0
5.0
EEUFR1E102L( )
200
500
1200
10
25
2470
0.018 10000
0.6
5.0
5.0
EEUFR1E122L( )
200
500
1500
12.5
20
2600
0.018 10000
0.6
5.0
5.0
EEUFR1E152( )
200
500
1800
12.5
25
3190
0.015 10000
0.6
5.0
5.0
EEUFR1E182( )
200
500
2200
12.5
30
3630
0.013 10000
0.8
5.0
EEUFR1E222L
100
16
20
3300
0.017 10000
0.8
7.5
7.5
EEUFR1E222S( )
100
250
2700
12.5
35
3750
0.012 10000
0.8
5.0
EEUFR1E272L
100
16
20
3300
0.017 10000
0.8
7.5
7.5
EEUFR1E272S( )
100
250
3300
16
25
3820
0.014 10000
0.8
7.5
7.5
EEUFR1E332( )
100
250
35
33
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1V330( )
200
2000
68
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1V680( )
200
2000
100
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1V101( )
200
1000
180
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1V181( )
200
1000
220
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1V221( )
200
1000
270
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1V271L( )
200
1000
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR1V271( )
200
500
330
10
12.5
1330
0.043
6000
0.6
5.0
5.0
EEUFR1V331U( )
200
500
390
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1V391L( )
200
1000
470
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1V471L( )
200
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1V471( )
200
500
560
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR1V561( )
200
500
680
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR1V681( )
200
500
10
25
2470
0.018 10000
0.6
5.0
5.0
EEUFR1V681L( )
200
500
820
10
25
2470
0.018 10000
0.6
5.0
5.0
EEUFR1V821L( )
200
500
1000
12.5
20
2600
0.018 10000
0.6
5.0
5.0
EEUFR1V102( )
200
500
1200
12.5
25
3190
0.015 10000
0.6
5.0
5.0
EEUFR1V122( )
200
500
1500
12.5
30
3630
0.013 10000
0.8
5.0
EEUFR1V152L
100
16
20
3300
0.017 10000
0.8
7.5
7.5
EEUFR1V152S( )
100
250
1800
12.5
35
3750
0.012 10000
0.8
5.0
EEUFR1V182L
100
2200
12.5
35
3750
0.012 10000
0.8
5.0
EEUFR1V222L
100
16
25
3820
0.014 10000
0.8
7.5
7.5
EEUFR1V222( )
100
250
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
01
Frb. 2013



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com