Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVM2G Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVM2G
Description  2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVM2G Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVM2G Datasheet HTML 1Page - Panasonic Semiconductor EVM2G Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
SMT Trimmer Potentiometers/EVM2G/2N/2W
Resistance
Driver Slot
width 0.45
length 1.4
depth 0.2
1.2
0.7
1.9
(Recommended Land Pattern)
(Circuit diagram)
c
b
a
2.2
b
2
4
ac
0.85
1.0
Resin
0.7
1.9
2.2
0.81
1.0
1.2
0.7
1.9
0.7
1.9
b
2
4
ac
c
b
a
Resin
Resistance
(Recommended Land Pattern)
width 0.45
length 1.3
depth 0.2
Driver Slot
(Circuit diagram)
1.05
1.9
0.75
1.2
2.2
c
b
a
c
b
a
1.2
1.9
0.75
Resin
Resistance
(Recommended Land Pattern)
width 0.45
length 1.45
depth 0.35
Driver Slot
(Circuit diagram)
■ Dimensions in mm (not to scale)
● 3-terminal/Low-profile ..............................................................................................................................................EVM2G
No. 1
No. 2
No. 3
● 3-terminal/Low-profile .............................................................................................................................................. EVM2N
● 3-terminal, for Automatic Trimming Adjustment/Low-profile ...................................................................................EVM2W
Mass (Weight) : 14 mg/pc.
Mass (Weight) : 13 mg/pc.
Mass (Weight) : 17 mg/pc.
Oct. 2013
02
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com