Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6018B Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6018B
Description  Advanced PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6018B Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP6018B Datasheet HTML 5Page - Intersil Corporation HIP6018B Datasheet HTML 6Page - Intersil Corporation HIP6018B Datasheet HTML 7Page - Intersil Corporation HIP6018B Datasheet HTML 8Page - Intersil Corporation HIP6018B Datasheet HTML 9Page - Intersil Corporation HIP6018B Datasheet HTML 10Page - Intersil Corporation HIP6018B Datasheet HTML 11Page - Intersil Corporation HIP6018B Datasheet HTML 12Page - Intersil Corporation HIP6018B Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
The OC trip point varies with MOSFET’s temperature. To avoid
over-current tripping in the normal operating load range,
determine the ROCSET resistor from the equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for IPEAK > IOUT(MAX) + (ΔI)/2,
where
ΔI is the output inductor ripple current.
For an equation for the output inductor ripple current see the
section under component guidelines titled ‘Output Inductor
Selection’.
OUT1 Voltage Program
The output voltage of the PWM converter is programmed to
discrete levels between 1.3VDC and 3.5VDC. This output is
designed to supply the microprocessor core voltage. The
voltage identification (VID) pins program an internal voltage
reference (DACOUT) through a TTL-compatible 5-bit
digital-to-analog converter. The level of DACOUT also sets
the PGOOD and OVP thresholds. Table 1 specifies the
DACOUT voltage for the different combinations of
connections on the VID pins. The VID pins can be left open
for a logic 1 input, because they are internally pulled up to
+5V by a 10
μA (typically) current source. Changing the VID
inputs during operation is not recommended. The sudden
change in the resulting reference voltage could toggle the
PGOOD signal and exercise the over-voltage protection.
The ‘11111’ VID pin combination resulting in an INHIBIT
disables the IC and the open-collector at the PGOOD pin.
UGATE
OCSET
PHASE
OVER-
CURRENT1
+
-
GATE
CONTROL
VCC
OC1
200
μA
VDS
ID
VSET
ROCSET
VIN = +5V
OVER-CURRENT TRIP: VDS > VSET
(iD • rDS(ON) > IOCSET • ROCSET)
IOCSET
+
+
FIGURE 9. OVER-CURRENT DETECTION
PWM
VPHASE = VIN - VDS
VOCSET = VIN - VSET
DRIVE
HIP6018B
VCC
LGATE
PGND
TABLE 1. VOUT1 VOLTAGE PROGRAM
PIN NAME
NOMINAL
OUT1
VOLTAGE
DACOUT
VID4
VID3
VID2
VID1
VID0
01
11
1
1.30
01
11
0
1.35
01
10
1
1.40
01
10
0
1.45
01
01
1
1.50
01
01
0
1.55
01
00
1
1.60
01
00
0
1.65
00
11
1
1.70
00
11
0
1.75
00
10
1
1.80
00
10
0
1.85
00
01
1
1.90
00
01
0
1.95
00
00
1
2.00
00
00
0
2.05
11
11
1
INHIBIT
11
11
0
2.1
11
10
1
2.2
11
10
0
2.3
11
01
1
2.4
11
01
0
2.5
11
00
1
2.6
11
00
0
2.7
10
11
1
2.8
10
11
0
2.9
10
10
1
3.0
10
10
0
3.1
10
01
1
3.2
10
01
0
3.3
10
00
1
3.4
10
00
0
3.5
NOTE: 0 = connected to GND or VSS, 1 = open or connected to 5V
through pull-up resistors.
HIP6018B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com