Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C39 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZX55C39
Description  500mW ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX55C39 Datasheet(HTML) 3 Page - Diodes Incorporated

  BZX55C39 Datasheet HTML 1Page - Diodes Incorporated BZX55C39 Datasheet HTML 2Page - Diodes Incorporated BZX55C39 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS18013 Rev. 3 - 3
3 of 3
BZX55C2V4-BZX55C75
0
100
200
300
400
500
0
5
10
15
20
l, LEAD LENGTH (mm)
Fig. 2, Thermal Resistance vs Lead Length
0
50
100
150
200
0
5
10
15
20
25
V , ZENER VOLTAGE (V)
Z
Fig. 3, Diode Capacitance vs Zener Voltage
V = 2V
R
T = 25C
j
1
10
100
1000
0
5
10
15
20
25
V , ZENER VOLTAGE (V)
Z
Fig. 4, Differential Zener Impedance
I = 1mA
Z
5mA
10mA
T = 25°C
j
0
100
200
300
400
500
0
40
80
120
160
200
T , AMBIENT TEMPERATURE
A
Fig.1, Power Dissipation vs Ambient Temperature
NOT RECOMMENDED FOR NEW DESIGNS -
USE 1N5221B - 1N5267B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com