Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADIP122-5NLED Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EADIP122-5NLED
Description  LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIP122-5NLED Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EADIP122-5NLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIP122-5NLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIP122-5NLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIP122-5NLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIP122-5NLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EA DIP122-5
Page 2
Specifications may be changed without
prior notice. Printing error reserved
PINOUT
CONTROLLER PT6520
Graphic modules of EA DIP122-5 series do have 2 controller PT6520 (or
compatible) built in: One for the left half of display and the other for the right
one. From 61 columns each 0..60 are used only.
PT6520 do not have any character mode, so all character has
to be set by graphic. Many different fonts are optionally
available on disk with part numer EA DISKFONT1520.
A detailed description for all commands and interface timing
you will find at the user manual for PT6520*).
Instructions
Code
Function
A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0
Display ON/OFF
0
1
0
1
0
1
0
1
1
1 0/1 Turns Display on or off. 0=OFF; 1=ON;
Display start line
0
1
0
1
1
0
Display start
address (0 - 31)
Specifies RAM line corresponding to top
of display.
Set page address
0
1
0
1
0
1
1
1
0
Page
(0-3)
Sets display RAM page.
Set Column address
0
1
0
0
Column address (0 - 79)
Sets display RAM column address.
Read Status
0
0
1
B
U
S
Y
A
D
C
O
N
/
O
F
F
R
E
S
E
T
0
0
0
0
Read the following status:
BUSY:
ADC:
ON/OFF:
RESET:
1=Busy;
1=CW output;
1=Display off;
1=Being reset;
0=Ready;
0=CCW output;
0=Display on;
0=Normal;
Write display data
1
1
0
Write data
Writes data into display RAM.
Read display data
1
0
1
Read data
Reads data from display RAM.
Select ADC
0
1
0
1
0
1
0
0
0
0 0/1 0=CW output; 1=CCW output;
Static drive ON/OFF
0
1
0
1
0
1
0
0
1
0 0/1
Selects static driving operation.
0=Normal driving; 1=Static drive;
Select duty
0
1
0
1
0
1
0
1
0
0 0/1 Select duty cycle. 0=1/16; 1=1/32;
Read-Modify-Write
0
1
0
1
1
1
0
0
0
0
0 Read-modify-write ON
End
0
1
0
1
1
1
0
1
1
1
0 Read-modify-write OFF
Reset
0
1
0
1
1
1
0
0
0
1
0 Software reset.
Pin Symbol Level Function
Pin
Symbol Level Function
1
VSS
L
Power supply 0V (GND)
10
D3
H / L
Display Data
2
VDD
H
Power supply +5V
11
D4
H / L
Display Data
3
VEE
-
Contrast adjustment (-4 V)
12
D5
H / L
Display Data
4
A0
H / L
Command / Data
13
D6
H / L
Display Data
5
R/W
H / L
H=Read, L=Write
14
D7
H / L
Display Data, MSB
6
E1
H
Enable left side
15
E2
H
Enable right side
7
D0
H / L
Display Data, LSB
16
RES
L
Reset
8
D1
H / L
Display Data
17
A
-
LED Backlit+ (external RV !)
9
D2
H / L
Display Data
18
C
-
LED Backlit -
ATTENTION
handling precautions!



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com