Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADIP162-DHNLED Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EADIP162-DHNLED
Description  LCD-MODULE 2x16 - 6.68mm INCL. CONTROLLER HD44780
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIP162-DHNLED Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EADIP162-DHNLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIP162-DHNLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIP162-DHNLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIP162-DHNLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIP162-DHNLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EA DIP162-D
Page 3
Specifications may be changed without
prior notice. Printing error reserved
Table of command
Instruction
Code
Description
Execute
Time
(max.)
RS R/W
DB
7
DB
6
DB
5
DB
4
DB
3
DB
2
DB
1
DB
0
Clear Display
0
0
0
0
0
0
0
0
0
1
Clears all display and returns the cursor
to the home position (Address 0).
1.64ms
Cursor At Home
0
0
0
0
0
0
0
0
1
*
Returns the Cursor to the home position
(Address 0). Also returns the display
being shifted to the original position. DD
RAM contents remain unchanged.
1.64ms
Entry Mode Set
0
0
0
0
0
0
0
1
I/D
S
Sets the Cursor move direction and
specifies or not to shift the display.
These operation are performed during
data write and read.
40µs
Display On/Off
Control
0
0
0
0
0
0
1
D
C
B
Sets ON/OFF of all display (D) cursor
ON/OFF (C), and blink of cursor position
character (B).
40µs
Cursor / Display
Shift
0
0
0
0
0
1 S/C R/L
*
*
Moves the Cursor and shifts the display
without changing DD RAM contents.
40µs
Function Set
0
0
0
0
1
DL N
F
*
*
Sets interface data length (DL) number
of display lines (L) and character font
(F).
40µs
CG RAM Address
Set
0
0
0
1
ACG
Sets the CG RAM address. CG RAM
data is sent and received after this
setting.
40µs
DD RAM Address
Set
0
0
1
ADD
Sets the DD RAM address. DD RAM
data is sent and received after this
setting.
40µs
Busy Flag / Address
Read
0
1
BF
AC
Reads Busy flag (BF) indicating internal
operation is being performed and reads
address counter contents.
-
CG RAM / DD RAM
Data write
1
0
Write Data
Writes data into DD RAM or CG RAM
40µs
CG RAM / DD RAM
Data Read
1
1
Read Data
Reads data from DD RAM or CG RAM
40µs
Creating your own characters
All these character display modules got the feature to create 8 own characters (ASCII Codes
0..7) in addition to the 192 ROM fixed codes.
1.) The command "CG RAM Address Set"
defines the ASCII code (Bit 3,4,5) and
the dot line (Bit 0,1,2) of the new
character. Example demonstrates
creating ASCII code $00.
2.) Doing 8 times the write command
"Data Write" defines line by line the
new character. 8th. byte stands for the
cursor line.
3.) The new defined character can be
used as a "normal" ASCII code (0..7); use with "DD RAM Address Set" and "Data Write".
Set CG RAM Address
Data
Adresse
Hex
Bit
Hex
7 6 5 4 3 2 1 0
01 000
000
$40
XXX
0 0 1 0 0
$04
001
$41
0 0 10 0
$04
010
$42
0 0 1 0 0
$04
011
$43
0 0 1 0 0
$04
100
$44
1 0 1 0 1
$15
101
$45
0 1 1 1 0
$0E
110
$46
0 0 10 0
$04
111
$47
0 0 0 0 0
$00
INITIALISATION FOR A 2 LINE DISPLAY / 8-BIT MODE
Command
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Remark
Function Set
0
0
0
0
1
1
1
0
0
0
8-Bit Data Length, 2/4 lines, 5x7 Font
Display ON/OFF
0
0
0
0
0
0
1
1
1
1
Display on, Cursor visible, Cursor blink
Clear Display
0
0
0
0
0
0
0
0
0
1
Clear Display, Cursor Home
Entry Mode Set
0
0
0
0
0
0
0
1
1
0
Cursor Auto-Increment



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com