Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAEVALEDIP320B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP320B
Description  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP320B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP320B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
EA9777-3
Page 6
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
FUNCTION OF JUMPERS
- “Disable Power On Macro“: If a continuous loop is programmed
either in PowerOn-, Reset-, Watchdog- or BrownOut-Macro, the
display is no longer adressable. In this case you have to restrain the
run of Power-On-Macro. This is done by the jumper: Switch power
off, set the jumper to the right (DPOM to GND). Now you have to re-
power the module and release the jumper or set it to the left (DPOM
is open).
- “Disable Protocol“: The small-protocol can be disabled. This might
be helpful espacially in the early stage of development. It is strongly
recommended to activate the protocol in series, to monitor data-
transfer. If the jumper is set to the left, the protocol is deactivated
(DPROT to GND). If the jumper is set to the right or left open, the
protocol is activated (DPROT open). You have to reset the module
if you want to change the protocol-mode.
- “Testmode“: Each eDIP includes a testmode, which can be
activated with the help of a jumper: Set the jumper to the left (TEST
to GND) and a test screen will be displayed. If you want to change
to normal operation you have to release the jumper or set it to the
right (TEST open) and reset the module.
FUNCTION OF LEDS
- “USB-Power“ (green): This LED indicates a connected USB-cable.
- “VDD power“ (green): This LED indicates the Evaluation board to be power-supplied
- “USB-TxD“ (red): This LED indicates data is transferd to the eDIP.
- “USB-RxD“ (green): This LED indicates data is send by the eDIP.
- “SBUF“ (orange): This LED glows if data is present in the sendbuffer of the display (SBUF low).
- “Output 1-8“ (green):
These
LEDs are directly connected to
the outputs of the eDIPTFT. They
are lit if the output of eDIPTFT is
set to high. The EA eDIP320-8
has no outputs, so this function is
not available.
Testmode on
Protocol off
DPOM active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com