Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP05 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DLP05
Description  LOW CAPACITANCE UNIDIRECTIONAL TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLP05 Datasheet(HTML) 2 Page - Diodes Incorporated

  DLP05 Datasheet HTML 1Page - Diodes Incorporated DLP05 Datasheet HTML 2Page - Diodes Incorporated DLP05 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30283 Rev. D-2
2 of 3
DLP05LC
0
20
40
60
100
50
0
t= 8 s
r
µ
Peak Value Ipp
Half Value I /2
pp
8x20 Waveform
as defined by R.E.A.
tp
t, TIME ( s)
Fig. 4 Pulse Waveform
µ
0.1
1.0
t PULSE WIDTH ( s)
Fig. 3 Pulse Rating Curve
p
µ
0.01
10
100
0.1
1
1000
T = 25 C
j
°
10
Non Repetitive
Pulse Waveform
8 X 20 S Waveform
as defined by REA
µ
0
25
50
75 100 125 150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
1
2
3
0
12
34
5
V , REVERSE VOLTAGE (V)
R
Fig.2 Typ. Junction Capacitance vs Reverse Voltage
T = 25 C
j
°
T = 25 C
j
°
f = 1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com