Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4D0206N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M4D0206N
Description  1.43 DIAMETER 1.0 AMP 28 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M4D0206N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M4D0206N Datasheet HTML 1Page - List of Unclassifed Manufacturers M4D0206N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
1.0 amp @ 28 VAC; 0.35 amp @ 115 VDC; .
Current Carrying Capacity: 10 amps.
Dielectric Strength: 1,000 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 5 milliohms.
Insulation Resistance: In excess of 10,000 megohms
Hardware: Mounting nut and lockwasher are shipped assembled.
2 WAFER/DECK CONSTRUCTION
SWITCHES - 30
° INDEXING
ADJUSTABLE STOPS SET @ 12 POS. - SOLDER LUG TERMINALS
SPECIFICATIONS AND ORDERING INFORMATION
M4 - SERIES
1.43" DIAMETER
1.0 AMP @ 28 VDC
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Clips and Rotors: Silver alloy as standard.
Insulation: Diallyl phthalate.
Index: Dual-ball, hill and valley design.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard.
Index Stops: Adjustable standard, or continuous.
Stop Strength: 25 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGE 57.
STANDARD CONSTRUCTION
M4D - DIALLYL PHTHALATE CONSTRUCTION
46
UNIT OF ELECTRO SWITCH CORP.
• ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
1 WAFER/DECK CONSTRUCTION
SWITCHES - 30
° INDEXING
ADJUSTABLE STOPS SET @ 6 POS. - SOLDER LUG TERMINALS
The M4 Series was originally designed to meet the requirements of
MIL-S-3786/28. Standard construction includes solder lug terminals,
adjustable stops and up to 12 positions.
01
02-12
1
1
M4D0112S
M4D0112N
MB
01
02-06
1
1
M4D01 06S
M4D01 06N
MA
02
02-12
1
2
M4D0212S
M4D0212N
MB
02
02-06
1
2
M4D0206S
M4D0206N
MA
03
02-12
1
3
M4D0312S
M4D0212N
MB
03
02-06
1
3
M4D0306S
M4D0306N
MA
04
02-12
1
4
M4D0412S
M4D0412N
MB
04
02-06
1
4
M4D0406S
M4D0406N
MA


Similar Part No. - M4D0206N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
M4D068-CF EBMPAPST-M4D068-CF Datasheet
459Kb / 10P
direction of air flow "V" counter-clockwise, direction of air flow "A" clockwise
M4D068-CF EBMPAPST-M4D068-CF Datasheet
459Kb / 10P
AC axial fans
More results

Similar Description - M4D0206N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
1.5 DIAMETER 0.5 AMP 28 VDC
C5P0112N-A ETC2-C5P0112N-A Datasheet
80Kb / 3P
0.92 DIAMETER 1.0 AMP 28 VDC
C7D0123S ETC2-C7D0123S Datasheet
81Kb / 2P
2 1/32 DIAMETER 1.0 AMP 28 VDC
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
1 DIAMETER 0.55 AMP 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
1.437 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
1.437 DIAMETER 1.5 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
2 5/16 DIAMETER 1.5 AMPS 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
1.5 DIAMETER 0.5 AMP 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
1.687 DIAMETER 1.5 AMPS 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com