Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL11 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # PL11
Description  DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL11 Datasheet(HTML) 2 Page - Omron Electronics LLC

  PL11 Datasheet HTML 1Page - Omron Electronics LLC PL11 Datasheet HTML 2Page - Omron Electronics LLC PL11 Datasheet HTML 3Page - Omron Electronics LLC PL11 Datasheet HTML 4Page - Omron Electronics LLC PL11 Datasheet HTML 5Page - Omron Electronics LLC PL11 Datasheet HTML 6Page - Omron Electronics LLC PL11 Datasheet HTML 7Page - Omron Electronics LLC PL11 Datasheet HTML 8Page - Omron Electronics LLC PL11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
H3CA
2
■ Ratings
Note: 1. Single-phase, full-wave rectified power sources may be used for 24 to 240 VDC.
2. Refer to Safety Precautions for All Times when combining the Timer with an AC 2-wire proximity sensor.
■ Characteristics
Item
H3CA-A/H3CA-FA
H3CA-8
H3CA-8H
Rated supply voltage
(See note 2.)
24 to 240 VAC (50/60 Hz),
12 to 240 VDC (permissible ripple:
20% max.)
100/110/120, 200/220/240 VAC, (50/60 Hz),
24 VDC, 110 VDC (permissible ripple: 20% max.) (See note 1.)
Operating voltage range
90% to 110% of rated supply voltage 85% to 110% of rated supply voltage
Power consumption
AC: approx. 4 VA
DC: approx. 2 W
AC: approx. 10 VA/1 W
DC: approx. 1 W
AC: approx. 10 VA/1.5 W
DC: approx. 2 W
Control outputs
3 A at 250 VAC, resistive load (cos
φ = 1)
Minimum applicable load
H3CA-8, H3CA-A and H3CA-FA: 10 mA at 5 VDC (failure level: Preference value)
H3CA-8H:
100mA at 5 VDC (failure level: Preference value)
Accuracy of operating
time
±0.3% ±0.05 s
Influence of voltage
Influence of
temperature
Setting error
±0.5% ±0.05 s max.
Reset time
H3CA-A/-FA: 0.5 s max.
H3CA-8H/-8: 0.1 s max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min (between current-carrying and non-current-carrying parts and between contact and
control circuit)
1,000 VAC, 50/60 Hz for 1 min (between non-continuous contacts)
Impulse withstand
voltage
3 kV
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm double amplitude for 1 h each in three directions
Malfunction: 10 to 55 Hz with 0.5-mm double amplitude for 10 min each in three directions
Shock resistance
Destruction: 980 m/s2
Malfunction: 98 m/s2
Ambient temperature
Operating: –10
°C to 55°C
Ambient humidity
Operating: 35% to 85%
Life expectancy
Mechanical: 10,000,000 operations min. (under no load at 1,800 operations/h)
Electrical:
100,000 operations min. (3 A at 250 VAC, cos
φ = 1 at 1,800 operations/h)
See Lift-test Curve for more details.
Approved standards
UL508, CSA C22.2 No. 14, LR, NK
Conforms to EN61010-1.
EMC
(EMI)
EN61326
Emission Enclosure:
EN55011 Group 1 class A
Emission AC mains:
EN55011 Group 1 class A
(EMS)
EN61326
Immunity ESD:
EN61000-4-2:
4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference:
EN61000-4-3:
10 V/m (Amplitude-modulated, 80 MHz to 1 GHz) (level 3);
10 V/m (Pulse-modulated, 900 MHz
±5 MHz) (level 3)
Immunity Conducted
Disturbance:
EN61000-4-6:
10 V (0.15 to 80 MHz) (according to EN61000-6-2)
Immunity Burst:
EN61000-4-4:
2 kV power-line (level 3);
1 kV I/O signal-line (level 4)
Immunity Surge:
EN61000-4-5:
1 kV line to lines (power and output lines) (level 3);
2 kV line to ground (power and output lines) (level 3)
Immunity Voltage Dip/Interruption
EN61000-4-11:
0.5 cycle, 100% (rated voltage)
Weight
H3CA-A:
approx. 110 g
H3CA-FA: approx. 190 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com