Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1546927-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1546927-4
Description  Engineering Notes
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1546927-4 Datasheet(HTML) 2 Page - Tyco Electronics

  1546927-4 Datasheet HTML 1Page - Tyco Electronics 1546927-4 Datasheet HTML 2Page - Tyco Electronics 1546927-4 Datasheet HTML 3Page - Tyco Electronics 1546927-4 Datasheet HTML 4Page - Tyco Electronics 1546927-4 Datasheet HTML 5Page - Tyco Electronics 1546927-4 Datasheet HTML 6Page - Tyco Electronics 1546927-4 Datasheet HTML 7Page - Tyco Electronics 1546927-4 Datasheet HTML 8Page - Tyco Electronics 1546927-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
113
2
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Table of Contents—Barrier Strips
Overview ……………………………………………………………………………………114-118
(Barrier Strip Selector Chart) …………………………………………………………114, 115
Tri-Barrier Strips …………………………………………………………………………119-138
0.250" Pitch ……………………………………………………………………………120-123
0.325" Pitch ……………………………………………………………………………124-127
0.375" Pitch ……………………………………………………………………………128-135
0.4375" Pitch ……………………………………………………………………………136-138
Dual-Barrier Strips ………………………………………………………………………139-160
0.250" Pitch ……………………………………………………………………………141-142
0.325" Pitch ……………………………………………………………………………143-146
0.375" Pitch ……………………………………………………………………………147-150
0.4375" Pitch ……………………………………………………………………………151-154
0.375" Double Row, Panel Mount ……………………………………………………155-156
0.433" Double Row, Panel Mount …………………………………………………………157
0.437" Double Row, Panel Mount …………………………………………………………158
0.563" Double Row, Panel Mount …………………………………………………………160
Sockets and Barrier Strips ……………………………………………………………161-173
0.325" Pitch, Series USB3 Socket
………………………………………………………162
0.375" Pitch, Series RSB6B Socket ………………………………………………………163
0.325" Pitch, Series RSB3 Tri-Barrier ………………………………………………164-166
0.325" Pitch, Series SSB3 Dual-Barrier
……………………………………………168-170
0.375" Pitch, Series RSB6 Tri-Barrier ………………………………………………171-173
Accessories ………………………………………………………………………………174-179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com