Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP5357LUI Datasheet(PDF) 12 Page - Altera Corporation

Part # EP5357LUI
Description  600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5357LUI Datasheet(HTML) 12 Page - Altera Corporation

Back Button EP5357LUI Datasheet HTML 8Page - Altera Corporation EP5357LUI Datasheet HTML 9Page - Altera Corporation EP5357LUI Datasheet HTML 10Page - Altera Corporation EP5357LUI Datasheet HTML 11Page - Altera Corporation EP5357LUI Datasheet HTML 12Page - Altera Corporation EP5357LUI Datasheet HTML 13Page - Altera Corporation EP5357LUI Datasheet HTML 14Page - Altera Corporation EP5357LUI Datasheet HTML 15Page - Altera Corporation EP5357LUI Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
EP5357LUI/EP5357HUI
down.
For applications with ENABLE control,
tie LLM to ENABLE; enable device after VIN
ramp up is complete and disable device before
VIN ramp down begins.
For devices with
ENABLE and LLM tied to VIN, contact Power
Applications
support
for
specific
recommendations
Increased
output
filter
capacitance
and/or
increased bulk capacitance at the load will
decrease the magnitude of the LLM ripple.
Refer to the section on output filter capacitance
for maximum values of output filter capacitance
and the Soft-Start section for maximum bulk
capacitance at the load.
NOTE:
For
proper
LLM
operation
the
EP5357xUI requires
a minimum
difference
between VIN and VOUT of 600mV.
If this
condition is not met, the device cannot be
assured proper LLM operation.
NOTE: Automatic LLM/PWM is not available
when using the external resistor divider option
for VOUT programming.
Soft Start
Internal soft start circuits limit in-rush current
when the device starts up from a power down
condition
or
when
the
“ENABLE”
pin
is
asserted “high”.
Digital control circuitry limits
the VOUT ramp rate to levels that are safe for
the
Power
MOSFETS
and
the integrated
inductor.
The EP5357HUI has a soft-start slew rate that
is twice that of the EP5357LUI.
When the EP5357LUI is configured in external
resistor divider mode, the device has a fixed
VOUT ramp time. Therefore, the ramp rate will
vary with the output voltage setting.
Output
voltage ramp time is given in the Electrical
Characteristics Table.
Excess bulk capacitance on the output of the
device can cause an over-current condition at
startup.
The maximum total capacitance on
the output, including the output filter capacitor
and bulk and decoupling capacitance, at the
load, is given as:
EP5357LUI:
COUT_TOTAL_MAX = COUT_Filter + COUT_BULK = 200uF
EP5357HUI:
COUT_TOTAL_MAX = COUT_Filter + COUT_BULK = 100uF
EP5357LUI in external divider mode:
COUT_TOTAL_MAX = 2.25x10
-4/V
OUT Farads
The nominal value for COUT is 10uF. See the
applications section for more details.
Over Current/Short Circuit Protection
The current limit function is
achieved by
sensing the current flowing through a sense P-
MOSFET which is compared to a reference
current.
When this level is exceeded the P-
FET is turned off and the N-FET is turned on,
pulling VOUT low. This condition is maintained
for approximately 0.5mS and then a normal
soft start is initiated.
If the over current
condition still persists, this cycle will repeat.
Under Voltage Lockout
During
initial power
up an under
voltage
lockout
circuit
will
hold-off
the
switching
circuitry until the input voltage reaches a
sufficient level to insure proper operation.
If
the voltage drops below the UVLO threshold
the lockout circuitry will again disable the
switching.
Hysteresis is included to prevent
chattering between states.
Enable
The ENABLE pin provides a means to shut
down
the
converter
or
enable
normal
operation.
A
logic
low
will
disable the
converter and cause it to shut down. A logic
high will enable the converter into normal
operation.
NOTE:
The ENABLE pin must not be left
floating.
Thermal Shutdown
When excessive power is dissipated in the
chip, the junction temperature rises. Once the
junction
temperature
exceeds
the
thermal
shutdown temperature the thermal shutdown
circuit turns off the converter output voltage
thus allowing the device to cool. When the
junction temperature decreases by 15C°, the
device will go through the normal startup
process.
12
www.altera.com/enpirion
03409
October 11, 2013
Rev E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com