Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1010SI Datasheet(PDF) 7 Page - Altera Corporation

Part # ES1010SI
Description  12V Hot-Swap Power Distribution Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1010SI Datasheet(HTML) 7 Page - Altera Corporation

Back Button ES1010SI Datasheet HTML 3Page - Altera Corporation ES1010SI Datasheet HTML 4Page - Altera Corporation ES1010SI Datasheet HTML 5Page - Altera Corporation ES1010SI Datasheet HTML 6Page - Altera Corporation ES1010SI Datasheet HTML 7Page - Altera Corporation ES1010SI Datasheet HTML 8Page - Altera Corporation ES1010SI Datasheet HTML 9Page - Altera Corporation ES1010SI Datasheet HTML 10Page - Altera Corporation ES1010SI Datasheet HTML 11Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page 7
ES1010SI 12V Hot-Swap Power Distribution Controllers
March 2014 Altera Corporation
Typical Performance Curves
FIGURE 2. VIN BIAS CURRENT
FIGURE 3. ISET- SOURCE CURRENT
FIGURE 4. CCLTIM CURRENT SOURCE
FIGURE 5. CCLTIM OC VOLTAGE THRESHOLD
FIGURE 6. UV THRESHOLD
FIGURE 7. GATE CHARGE CURRENT
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
-40
0
25
85
125
TEMPERATURE (°C)
70
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
TEMPERATURE (°C)
-40
0
25
85
125
70
18.8
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
20.8
-40
0
25
70
85
125
TEMPERATURE (°C)
CLTIM - 0V
1.77
1.78
1.79
1.80
1.81
1.82
-40
0
25
70
85
125
TEMPERATURE (°C)
9.60
9.65
9.70
9.75
9.80
-40
0
25
70
85
125
TEMPERATURE (°C)
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
-40
0
25
70
85
125
TEMPERATURE (°C)
09617
March 14, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com