Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC3250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LPC3250
Description  OEM Board v1.5 DS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC3250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LPC3250 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 2Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 3Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 4Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 5Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Embedded Artists AB
Södra Promenaden 51
SE-211 38 Malmö
Sweden
Phone/Fax: +46 (0)40-611 00 93
E-mail: info@embeddedartists.com
http://www.embeddedartists.com
© Copyright 2010 Embedded Artists AB. All rights reserved. All other products or service names mentioned herein are
trademarks of their respective holders and should be treated as such.
Privacy policy: http://www.embeddedartists.com/privacy.php
Legal: http://www.embeddedartists.com/legal.php
Embedded Artists’
LPC3250 OEM Board v1.5 DS
The Art of Embedded Systems Development – made Easy™
Document status: Preliminary
LPC3250 OEM Board Feature Highlights
The LPC3250 OEM Board provides a quick and easy solution for
implementing a high-performance ARM ARM926EJ-S based design
around the LPC3250 from NXP.
 Build around NXP's ARM926EJ-S LPC3250 microcontroller
with 256Kbyte internal SRAM
 64MByte external DDR SDRAM, via 16-bit databus
 128 Mbyte NAND FLASH
 4 MByte SPI-NOR FLASH
 100/10Mbps Ethernet interface based on DP83848 ETH-PHY
 On-board ISP1301 USB OTG transceiver
 13.000 MHz and 32.768 kHz crystals for LPC3250
 32Kbyte I2C E2PROM for storing non-volatile parameters
 Buffered 16-bit data bus with voltage translation to external bus
(VCCEXT can be 1.4-3.6V)
 +3.3V powering
 200 pos expansion connector
(as defined in popular SO-DIMM industry standard), 0.6mm pitch
 Compact design with dimensions: 68 x 50 mm
Support Highlights
 Access to Embedded Artists support page containing
o
Schematics
o
User’s Manual
o
Sample software applications
o
OEM Board Integration Guide
 Supported by Developer’s Kit, see picture to right
 Volume discount available
 Customization service available for optimized high-volume design
Block Diagram of LPC3250 OEM Board
NXP Partner
Embedded Artists is a partner of NXP. Together we give engineers an excellent base to work
from when creating advanced embedded systems. We have a close co-operation and know
everything there is to know about the NXP processors. Take advantage of our unique knowledge!
For further information, please contact: support@EmbeddedArtists.com
ETH, USB, I2C, GPIO, Buffered memory bus, power, etc.
LPC3250
Parallel
NAND (3.3V)
Buffers
1.8V-to-VCCEXT
16-bit DDR
SDRAM
(1.8V)
SPI-
FLASH
Ethernet-
PHY
I2C-E2PROM
13MHz
32.768kHz
crystals
USB OTG
transceiver
Adj VCORE
(LTC3447)


Similar Part No. - LPC3250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3250 NXP-LPC3250 Datasheet
365Kb / 73P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
LPC3250 NXP-LPC3250 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC3250 NXP-LPC3250 Datasheet
659Kb / 80P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 2.1 - 24 June 2014
LPC3250FET296 NXP-LPC3250FET296 Datasheet
365Kb / 73P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
LPC3250FET296/01 NXP-LPC3250FET296/01 Datasheet
659Kb / 80P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 2.1 - 24 June 2014
More results

Similar Description - LPC3250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GHI-ALFATOEM-337 ETC2-GHI-ALFATOEM-337 Datasheet
57Kb / 1P
ALFAT OEM Board
PICASO-OGM ETC-PICASO-OGM Datasheet
2Mb / 22P
OEM Graphics Module
LPC1788 ETC2-LPC1788 Datasheet
349Kb / 6P
OEM Board DS rev A DS
LPC2478-32 ETC2-LPC2478-32 Datasheet
403Kb / 6P
OEM Board v1.3 DS
LPC4088 ETC2-LPC4088 Datasheet
352Kb / 6P
OEM Board DS rev A DS
logo
Murata Manufacturing Co...
WIT910SDK MURATA-WIT910SDK Datasheet
145Kb / 1P
OEM Module Developer
logo
List of Unclassifed Man...
CMD-KEY#-315 ETC2-CMD-KEY#-315 Datasheet
195Kb / 5P
OEM KEYFOB TRANSMITTER
logo
Inchange Semiconductor ...
2SB566 ISC-2SB566 Datasheet
176Kb / 1P
OEM
logo
Advantech Co., Ltd.
BB-WLNN-XX-DP551 ADVANTECH-BB-WLNN-XX-DP551 Datasheet
439Kb / 2P
Secure, Rugged Wi-Fi Embedded OEM open board modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com