Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2-221B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PS2-221B
Description  Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2-221B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PS2-221B Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 9Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 10Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MINIATURE SWITCHES
12
Litho in U.S.A GG
Sensitive Snap-Action Pushbutton Switches —
Solder and P.C. Terminals (Momentary Action)
PS
SERIES
5 AMP. (S.P.)
1 AMP (D.P.)
0.4 VA
SNAP-IN MOUNT
Cap Configuration
Optional Features
Basic P/N
Terminal-Rating
Poles
Cap Size
Cap Color
Bezel Color & Type
Contact Material-Type
PS
14 - Raised Cap
1 - One
0 - No Cap
0 - No Cap
1 - White
B - Gold/Nickel/Brass
Solder Lug
2 - Two
1 - .450 Sq.
1 - White
2 - Black
15 - Flush Cap
2- Black
3- Red
Solder Lug
3 - Red
4 - Black or LED
16 - Raised Cap
G - Gold/Nickel/Silver
PC Terminals
Q - Coin Silver
17 - Flush Cap
PC Terminals
Single pole circuit rated 5 amps, double pole circuit rated 1 amp.
Ratings are 0.4 VA — 28 BAC or DC.
Flush cap is flush to bezel, not to mounting bracket.
SPECIFICATIONS
Contact Rating – Letter codes G and Q (1 Pole) 5
amp resistive @ 125 VAC (U.L. recognized, CSA
certified)
or 5 amp resistive @ 28 VDC. (2 pole) 1 amp
resistive @ 125 VAC (U.L. recognized, CSA certified) or
1 amp resistive @ 28 VDC.
Letter codes B and G – (1 and 2 Poles) 0.4 Volt-
amps (VA) maximum @ 28 V maximum (AC or DC).
Contact Resistance – 50 milliohms maximum.
Insulation Resistance – 1,000 megohms minimum.
Dielectric Strength – 1,000 volts RMS minimum at
sea level.
Electrical Life – 60,000 cycles minimum at full load-
resistive.
Maximum Allowable Installation Force on Plunger
– 10 pounds. Multi-pole contacts do not make and
break simultaneously.
MATERIALS
Case — Diallyl Phthalate.
Bushing — Brass, nickel plated.
Housing — Stainless steel.
Plunger — Thermoplastic.
Pushbutton Cap — Molded nylon.
Bezel — Molded nylon.
Common Contact — Refer to contact material
table above.
Center & End Contact — Refer to contact
material table above.
Solder Lug Terminal
PC Terminal
EXAMPLES:
PS14-100Q = Raised Cap, Solder Lug Terminals, 5 Amp, Single Pole, No Cap, Coin Silver Contacts
PS14-1134B = Raised Cap, Solder Lug Terminals, 0.4 VA Rating, Single Pole, .450 Square Red Cap, Black Bezel for LED, Gold/Brass
Contact Material
LED Not Included
PS14 SHOWN
w/RAISED CAP
PS15 SHOWN
w/FLUSH CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com