Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP0805A0897AS Datasheet(PDF) 1 Page - AVX Corporation

Part # LP0805A0897AS
Description  Thin-Film Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LP0805A0897AS Datasheet(HTML) 1 Page - AVX Corporation

  LP0805A0897AS Datasheet HTML 1Page - AVX Corporation LP0805A0897AS Datasheet HTML 2Page - AVX Corporation LP0805A0897AS Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LP
Style
Low Pass
0805A
Size
0805
0902
Frequency
MHz
AW
Termination
AW= Nickel/Solder (SnPb)
**AS = Nickel/ Lead Free
Solder (Sn100)
TR
Packaging Code
TR = Tape and Reel
Thin-Film Low Pass Filter
LP0805 Type Harmonic
GENERAL DESCRIPTION
The ITF (Integrated Thin-Film) SMD Filter is based on thin-film
multilayer technology. The technology provides a miniature
part with excellent high frequency performance and rugged
construction for reliable automatic assembly.
The ITF Filter is offered in a variety of frequency bands com-
patible with various types of high frequency wireless systems.
FEATURES
• Small Size: 0805
• Frequency Range: 800MHz - 3.5GHz
• Characteristic Impedance: 50Ω
• Operating / Storage Temp.: -40°C to +85°C
• Power Rating: 3W Continuous
• Low Profile
• Rugged Construction
• Taped and Reeled
APPLICATIONS
• Mobile Communications
• Satellite TV Receivers
• GPS
• Vehicle Location Systems
• Wireless LAN’s
PAD LAYOUT
See CP0805 pad layout on page 64.
FINAL QUALITY INSPECTION
Finished parts are 100% tested for electrical parameters and
visual/mechanical characteristics. Each production lot is
evaluated on a sample basis for:
• Static Humidity: 85°C, 85% RH, 160 hours
• Endurance: 125°C, IR 4 hours
TERMINATION
Nickel/Solder coating (Sn, Pb) compatible with automatic
soldering technologies: reflow, wave soldering, vapor phase
and manual.
DIMENSIONS: millimeters (inches)
L
2.03±0.1
(0.080±0.004)
W
1.55±0.1
(0.061±0.004)
T
1.02±0.1
(0.040±0.004)
A
0.56±0.25
(0.022±0.010)
B
0.35±0.15
(0.014±0.006)
HOW TO ORDER
TERMINALS AND LAYOUT (Top View)
Orientation in Tape
IN
GND
TYPE A
TYPE D
TYPE E
TYPE F (Sn100)
OUT
IN
OUT
GND
GND
IN
OUT
GND
GND
IN
OUT
GND
GND
GND
MARKING
CODE
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
**RoHS compliant
For RoHS compliant products,
please select correct termination style.
4
110


Similar Part No. - LP0805A0897AS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LP0805 AVX-LP0805 Datasheet
114Kb / 3P
Thin-Film Low Pass Filter
More results

Similar Description - LP0805A0897AS

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
logo
AVX Corporation
LP0805 AVX-LP0805 Datasheet
114Kb / 3P
Thin-Film Low Pass Filter
logo
List of Unclassifed Man...
FL7B5BH ETC2-FL7B5BH Datasheet
68Kb / 1P
Ball-Grid-Array Thin Film Low-Pass Filter
TBL1608-245-M2 ETC2-TBL1608-245-M2 Datasheet
96Kb / 3P
Thin Film Chip LC Filter
logo
JDS Uniphase Corporatio...
GFFJ1F2001N01 JDSU-GFFJ1F2001N01 Datasheet
148Kb / 3P
Thin Film Gain Flattening Filter
logo
Abracon Corporation
ACMF-03 ABRACON-ACMF-03 Datasheet
1Mb / 3P
Thin Film Common Mode Filter
08.15.13
ACMF-04 ABRACON-ACMF-04 Datasheet
2Mb / 3P
Thin Film Common Mode Filter
05.14.13
logo
TDK Electronics
TFSB10055375-1103A1 TDK-TFSB10055375-1103A1 Datasheet
54Kb / 3P
Thin-Film Band Pass Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com