Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2070CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR2070CT
Description  20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2070CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR2070CT Datasheet HTML 1Page - Diodes Incorporated MBR2070CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S30019 Rev. C-2
1 of 2
MBR2070CT-MBR20100CT
MBR2070CT - MBR20100CT
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
G
12 3
J
HH
Pin 1
Pin 3
Pin 2
Case
TO-220AB
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
H
2.29
2.79
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Body
·
Weight: 2.24 grams (approx)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
2070CT
MBR
2080CT
MBR
2090CT
MBR
20100CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectified Output Current
(Note 1)
@ TC = 125
°C
IO
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage Drop
@ IF = 10A, Tj = 125
°C
@ IF = 10A, Tj =
25
°C
@ IF = 20A, Tj = 125
°C
@ IF = 20A, Tj =
25
°C
VFM
0.75
0.85
0.85
0.95
V
Peak Reverse Current
@TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 125
°C
IRM
0.15
150
mA
Typical Junction Capacitance (Note 2)
Cj
1000
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJc
2.0
°C/W
Voltage Rate of Change
dV/dt
10000
V/
ms
Operating and Storage Temperature Range
Tj
TSTG
-65 to +150
-65 to +175
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.


Similar Part No. - MBR2070CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2070CT MOTOROLA-MBR2070CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR2070CT DIODES-MBR2070CT Datasheet
211Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MBR2070CT BILIN-MBR2070CT Datasheet
152Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Sirectifier Semiconduct...
MBR2070CT SIRECTIFIER-MBR2070CT Datasheet
102Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR2070CT KERSEMI-MBR2070CT Datasheet
790Kb / 3P
SWITCHMODE POWER RECTIFIERS
More results

Similar Description - MBR2070CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
MBRB2070CT DIODES-MBRB2070CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
MBR2070CT DIODES-MBR2070CT_1 Datasheet
211Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. 7 - 2
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT Datasheet
48Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150FCT WTE-SB20150FCT Datasheet
49Kb / 4P
20A HIGH VOLTAGE DULA SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR20100CT TAK_CHEONG-TCMBR20100CT Datasheet
107Kb / 2P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT_08 Datasheet
52Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150FCT WTE-SB20150FCT_08 Datasheet
52Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBR20100CT TAK_CHEONG-MBR20100CT Datasheet
169Kb / 4P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com