Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR740 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR740
Description  7.5A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR740 Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR740 Datasheet HTML 1Page - Diodes Incorporated MBR740 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS23007 Rev. 7 - 2
2 of 2
MBR730-MBR760
0.1
1.0
10
50
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig.2 Typ Instantaneous Fwd Characteristics
F
MBR730 - MBR745
MBR750 - MBR760
T= 25 C
2% duty cycle
J
°
Pulse width = 300 s
µ
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms Single half
sine-wave (JEDEC method)
25
50
75
100
125
150
175
100
1000
4000
1.0
10
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
100
0.1
0.001
0.01
0.1
1.0
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T = 125 C
j
°
T= 75 C
j
°
T= 25 C
j
°
10
Resistive or
Inductive load
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Fwd Current Derating Curve
C
°
0
2
4
6
8
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com