Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1545CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBRB1545CT
Description  15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB1545CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBRB1545CT Datasheet HTML 1Page - Diodes Incorporated MBRB1545CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS13015 Rev. B-2
1 of 2
MBRB1530CT-MBRB1545CT
MBRB1530CT - MBRB1545CT
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Case: D2PAK Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Approx. Weight: 1.7 grams
·
Mounting Position: Any
·
Marking: Type Number
Mechanical Data
B
C
D
E
G
H
J
K
L
M
A
123
4
PIN 1
PIN 3
PIN2&4
D2PAK
Dim
Min
Max
A
9.65
10.69
B
14.60
15.88
C
0.51
1.14
D
2.29
2.79
E
4.37
4.83
G
1.14
1.40
H
1.14
1.40
J
8.25
9.25
K
0.30
0.64
L
2.03
2.92
M
2.29
2.79
All Dimensions in mm
Characteristic
Symbol
MBRB
1530CT
MBRB
1535CT
MBRB
1540CT
MBRB
1545CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
V
Average Rectified Output Current
@ TC = 105°C
IO
15
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage, per Element (Note 4)
@ IF = 7.5A
VFM
0.7
V
Voltage Rate of Change
dv/dt
10,000
V/µs
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IRM
0.1
15
mA
Maximum Recovery Time (Note 3)
trr
30
ns
Typical Junction Capacitance (Note 2)
Cj
250
pF
Typical Thermal Resistance Junction to Terminal (Note 1)
RqJT
3.0
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance: junction to terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pad as heat sink.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A (see figure 1).
4. 300µs pulse width, 2% duty cycle.
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 150A Peak
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
·
Plastic Material - UL Flammability
Classification 94V-0


Similar Part No. - MBRB1545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
General Semiconductor
MBRB1545CT GE-MBRB1545CT Datasheet
100Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB1545CT MCC-MBRB1545CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
MBRB1545CT DIODES-MBRB1545CT Datasheet
358Kb / 3P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
logo
International Rectifier
MBRB1545CT IRF-MBRB1545CT Datasheet
34Kb / 3P
SCHOTTKY RECTIFIER 15 Amp
More results

Similar Description - MBRB1545CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB1530CT_ DIODES-MBRB1530CT_ Datasheet
358Kb / 3P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
MBRB1530CT DIODES-MBRB1530CT_10 Datasheet
83Kb / 4P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 6 - 2
MBRB1530CT DIODES-MBRB1530CT_15 Datasheet
82Kb / 4P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 7
logo
Nanjing International G...
SR1545L DGNJDZ-SR1545L Datasheet
20Mb / 2P
15A Surface Mount Schottky Barrier Rectifiers
SR1545L-15A-TO-277 DGNJDZ-SR1545L-15A-TO-277 Datasheet
338Kb / 2P
15A Surface Mount Schottky Barrier Rectifiers
SR1580L-15A-TO-277 DGNJDZ-SR1580L-15A-TO-277 Datasheet
338Kb / 2P
15A Surface Mount Schottky Barrier Rectifiers
SR1560L-15A-277 DGNJDZ-SR1560L-15A-277 Datasheet
338Kb / 2P
15A Surface Mount Schottky Barrier Rectifiers
SR1580L-15A-277 DGNJDZ-SR1580L-15A-277 Datasheet
338Kb / 2P
15A Surface Mount Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
SL15T80 ZSELEC-SL15T80 Datasheet
331Kb / 3P
15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR1545L ZSELEC-SR1545L Datasheet
224Kb / 3P
15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com