Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRM760 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBRM760
Description  7A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRM760 Datasheet(HTML) 1 Page - Diodes Incorporated

  MBRM760 Datasheet HTML 1Page - Diodes Incorporated MBRM760 Datasheet HTML 2Page - Diodes Incorporated MBRM760 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note:
Pins 1 & 2 must be electrically
connected at the printed circuit board.
DS30357 Rev. 2 - 1
1 of 3
MBRM760
www.diodes.com
MBRM760
7A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
POWERMITEÒ3
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
·
Case: POWERMITE
â3, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Polarity: See Diagram
·
Marking: Type Number
·
Weight: 0.072 grams (approx.)
Mechanical Data
B
C
D
E
G
J
H
K
L
M
A
P
12
3
PIN 1
PIN 2
PIN 3, BOTTOMSIDE
HEAT SINK
C
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectified Output Current
(See also figure 4)
IO
7A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
@ TC = 55
°C
IFSM
100
A
Typical Thermal Resistance Junction to Soldering Point
RqJS
2.5
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
Low Reverse Current
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
60
¾¾
V
IR = 0.5mA
Forward Voltage (Note 1)
VF
¾
¾
¾
¾
0.49
0.38
0.57
0.46
0.52
¾
0.60
¾
V
IF = 3.5A, Tj = 25
°C
IF = 3.5A, Tj = 125
°C
IF = 7A, Tj = 25
°C
IF = 7A, Tj = 125
°C
Reverse Current (Note 1)
IR
¾
¾
5
10
200
20
mA
mA
Tj = 25
°C, VR = 60V
Tj = 125
°C, VR = 60V
Total Capacitance
CT
¾
375
¾
pF
f = 1.0MHz, VR = 4.0V DC
POWERMITE
â3
Dim
Min
Max
A
4.03
4.09
B
6.40
6.61
C
.889 NOM
D
1.83 NOM
E
1.10
1.14
G
.178 NOM
H
5.01
5.17
J
4.37
4.43
K
.178 NOM
L
.71
.77
M
.36
.46
P
1.73
1.83
All Dimensions in mm
Notes:
1. Short duration test pulse used to minimize self-heating effect.
UNDER DEVELOPMENT


Similar Part No. - MBRM760

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRM10 ONSEMI-MBRM10 Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
MBRM10E ONSEMI-MBRM10E Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
MBRM10L ONSEMI-MBRM10L Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
MBRM110E ONSEMI-MBRM110E Datasheet
81Kb / 8P
Surface Mount Schottky Power Rectifier
October, 2001 ??Rev. 0
MBRM110E ONSEMI-MBRM110E Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - MBRM760

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
PDS760 DIODES-PDS760 Datasheet
79Kb / 3P
7A SCHOTTKY BARRIER RECTIFIER
DS30477 Rev. 9 - 2
PDS760 DIODES-PDS760_10 Datasheet
99Kb / 5P
7A SCHOTTKY BARRIER RECTIFIER
DS30477 Rev. 12 - 2
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS760Q DIODES-PDS760Q_15 Datasheet
207Kb / 5P
7A SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev erse
PDS760 DIODES-PDS760_15 Datasheet
122Kb / 5P
7A SCHOTTKY BARRIER RECTIFIER
Rev erse
PDS760Q-13 DIODES-PDS760Q-13 Datasheet
474Kb / 5P
7A SCHOTTKY BARRIER RECTIFIER
December 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com